データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM570X データシート(PDF) 6 Page - Texas Instruments

部品番号 AM570X
部品情報  Sitara Processors
Download  388 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

AM570X データシート(HTML) 6 Page - Texas Instruments

Back Button AM570X Datasheet HTML 2Page - Texas Instruments AM570X Datasheet HTML 3Page - Texas Instruments AM570X Datasheet HTML 4Page - Texas Instruments AM570X Datasheet HTML 5Page - Texas Instruments AM570X Datasheet HTML 6Page - Texas Instruments AM570X Datasheet HTML 7Page - Texas Instruments AM570X Datasheet HTML 8Page - Texas Instruments AM570X Datasheet HTML 9Page - Texas Instruments AM570X Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 388 page
background image
6
AM5706, AM5708
SPRS961B – AUGUST 2016 – REVISED SEPTEMBER 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5706 AM5708
Device Comparison
Copyright © 2016–2017, Texas Instruments Incorporated
3
Device Comparison
3.1
Device Comparison Table
Table 3-1 shows a comparison between devices, highlighting the differences.
Table 3-1. Device Comparison
FEATURES
Device
AM5708
AM5706
Features
CTRL_WKUP_STD_FUSE_DIE_ID_2[31:24] Base PN register bitfield value(3)
AM5708: 142 (0x8E) AM5706: 140 (0x8C)
AM5708-E: 143
(0x8F)
AM5706-E: 141
(0x8D)
Processors/Accelerators
Speed Grades
J
D, J
ARM Single Cortex-A15 Microprocessor (MPU) Subsystem
MPU core 0
Yes
C66x VLIW DSP
DSP1
Yes
BitBLT 2D Hardware Acceleration Engine (BB2D)
BB2D
Yes
Not Supported(1)
Display Subsystem
VOUT1
Not Supported(1)
VOUT2
Yes
Not Supported(1)
VOUT3
Yes
Not Supported(1)
HDMI
Yes
Not Supported(1)
ARM Dual Cortex-M4 Image Processing Unit (IPU)
IPU1
Yes
IPU2(2)
Yes
Image Video Accelarator (IVA)
IVA
Yes
Not Supported(1)
SGX544 Single-Core 3D Graphics Processing Unit (GPU)
GPU
Yes
Not Supported(1)
Video Input Port (VIP)
VIP1
vin1a
Yes
vin1b
Yes
vin2a
Yes
vin2b
Yes
Video Processing Engine (VPE)
VPE
Yes
Program/Data Storage
On-Chip Shared Memory (RAM)
OCMC_RAM1
512KB
General-Purpose Memory Controller (GPMC)
GPMC
Yes
DDR3/DDR3L Memory Controller
EMIF1
up to 2GB
Dynamic Memory Manager (DMM)
DMM
Yes
Radio Support
Audio Tracking Logic (ATL)
ATL
Not Supported(1)
Viterbi Coprocessor (VCP)
VCP1
Not Supported(1)
VCP2
Not Supported(1)
Peripherals
Controller Area Network (DCAN) Interface
DCAN1
Yes
DCAN2
Yes
Enhanced DMA (EDMA)
EDMA
Yes
System DMA (DMA_SYSTEM)
DMA_SYSTEM
Yes
Ethernet Subsystem (Ethernet SS)
GMAC_SW[0]
MII, RMII, or RGMII
GMAC_SW[1]
MII, RMII, or RGMII
General-Purpose I/O (GPIO)
GPIO
Up to 186
Inter-Integrated Circuit Interface (I2C)
I2C
5
System Mailbox Module
MAILBOX
13
Media Local Bus Subsystem (MLBSS)
MLB
Not Supported (1)


同様の部品番号 - AM570X

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM570x TI1-AM570x Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM570x TI1-AM570x Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM570X TI1-AM570X Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AM570X TI1-AM570X Datasheet
4Mb / 394P
[Old version datasheet]   Sitara Processors
More results

同様の説明 - AM570X

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM6548 TI1-AM6548 Datasheet
3Mb / 299P
[Old version datasheet]   Sitara Processors
AM4376 TI1-AM4376_16 Datasheet
2Mb / 266P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com