データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMBF202F データシート(PDF) 3 Page - GOOD-ARK Electronics

部品番号 SMBF202F
部品情報  Surface Mount Glass Passivated Fast Recovery Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GOOD-ARK [GOOD-ARK Electronics]
ホームページ  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SMBF202F データシート(HTML) 3 Page - GOOD-ARK Electronics

  SMBF202F Datasheet HTML 1Page - GOOD-ARK Electronics SMBF202F Datasheet HTML 2Page - GOOD-ARK Electronics SMBF202F Datasheet HTML 3Page - GOOD-ARK Electronics SMBF202F Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMBF202F thru SMBF210F
Surface Mount Glass Passivated Fast Recovery Rectifiers
Reverse Voltage 50~1000V Forward Current 2.0A
Package Outline Dimensions
DIM
MIN
MAX
MIN
MIN
A
1.1
1.3
0.043
0.051
B
1.9
2.1
0.075
0.083
C
0.15
0.3
0.006
0.012
D
3.5
3.7
0.138
0.146
E
4.2
4.45
0.165
0.175
HE
5.1
5.5
0.201
0.217
L
0.75
1.2
0.030
0.047
Packing Information
Packing quantities:
Tape & Reel Specification
unit: mm
unit: inch
Soldering footprint
Reel size
Quantity/reel
Quantity/inner Box
Quantity/Carton
7"
TBD
TBD
TBD
13"
5K
10K
90K
www.goodark.com
3/4
2016.08-Rev.A


同様の部品番号 - SMBF202F

メーカー部品番号データシート部品情報
logo
GOOD-ARK Electronics
SMBF202H GOOD-ARK-SMBF202H Datasheet
392Kb / 4P
   Surface Mount Glass Passivated High Efficient Rectifiers
More results

同様の説明 - SMBF202F

メーカー部品番号データシート部品情報
logo
PACELEADER INDUSTRIAL
FSM101 PACELEADER-FSM101 Datasheet
414Kb / 2P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Yixinwei Techn...
RS2A YIXIN-RS2A_08 Datasheet
209Kb / 2P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
RS3A HY-RS3A_17 Datasheet
155Kb / 3P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS1AL HY-RS1AL_17 Datasheet
137Kb / 3P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS3AB HY-RS3AB_17 Datasheet
137Kb / 3P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS2AA HY-RS2AA_17 Datasheet
137Kb / 3P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shenzhen Yixinwei Techn...
RS3A YIXIN-RS3A Datasheet
205Kb / 2P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Leshan Radio Company
FM4935 LRC-FM4935_15 Datasheet
153Kb / 4P
   Surface Mount Glass Passivated Fast Recovery Rectifiers
logo
HY ELECTRONIC CORP.
RS1A HY-RS1A_17 Datasheet
138Kb / 3P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS3AB HY-RS3AB Datasheet
91Kb / 2P
   SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com