データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM46001-Q1 データシート(PDF) 2 Page - Texas Instruments

部品番号 LM46001-Q1
部品情報  3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM46001-Q1 データシート(HTML) 2 Page - Texas Instruments

  LM46001-Q1_17 Datasheet HTML 1Page - Texas Instruments LM46001-Q1_17 Datasheet HTML 2Page - Texas Instruments LM46001-Q1_17 Datasheet HTML 3Page - Texas Instruments LM46001-Q1_17 Datasheet HTML 4Page - Texas Instruments LM46001-Q1_17 Datasheet HTML 5Page - Texas Instruments LM46001-Q1_17 Datasheet HTML 6Page - Texas Instruments LM46001-Q1_17 Datasheet HTML 7Page - Texas Instruments LM46001-Q1_17 Datasheet HTML 8Page - Texas Instruments LM46001-Q1_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
2
LM46001-Q1
SNVSAA3B – JULY 2015 – REVISED NOVEMBER 2017
www.ti.com
Product Folder Links: LM46001-Q1
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 5
6.6
Timing Requirements ................................................ 6
6.7
Switching Characteristics .......................................... 7
6.8
Typical Characteristics .............................................. 8
7
Detailed Description ............................................ 14
7.1
Overview ................................................................. 14
7.2
Functional Block Diagram ....................................... 14
7.3
Feature Description................................................. 15
7.4
Device Functional Modes........................................ 24
8
Applications and Implementation ...................... 25
8.1
Application Information............................................ 25
8.2
Typical Applications ................................................ 25
9
Power Supply Recommendations ...................... 42
10
Layout................................................................... 42
10.1
Layout Guidelines ................................................. 42
10.2
Layout Example .................................................... 45
11
Device and Documentation Support ................. 46
11.1
Device Support...................................................... 46
11.2
Receiving Notification of Documentation Updates 46
11.3
Community Resources.......................................... 46
11.4
Trademarks ........................................................... 46
11.5
Electrostatic Discharge Caution ............................ 46
11.6
Glossary ................................................................ 46
12
Mechanical, Packaging, and Orderable
Information ........................................................... 47
4 Revision History
Changes from Revision A (August 2015) to Revision B
Page
Added LM46001A-Q1 information on page 1; add Webench links ....................................................................................... 1
Added RPGOOD LM46001A-Q1 ................................................................................................................................................ 6
Changes from Original (July 2015) to Revision A
Page
Changed from Preview to Production Data ............................................................................................................................ 1


同様の部品番号 - LM46001-Q1_17

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM46001-Q1 TI1-LM46001-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   LM46001-Q1 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
More results

同様の説明 - LM46001-Q1_17

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM46002-Q1 TI1-LM46002-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
LM46000-Q1 TI1-LM46000-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM46001 TI1-LM46001 Datasheet
1Mb / 52P
[Old version datasheet]   LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM46001 TI-LM46001_15 Datasheet
1Mb / 52P
[Old version datasheet]   LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
[Old version datasheet]   LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002-Q1 TI1-LM76002-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com