データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMK60E0-156257SIAT データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMK60E0-156257SIAT
部品情報  High-Performance Low Jitter Oscillator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMK60E0-156257SIAT データシート(HTML) 5 Page - Texas Instruments

  LMK60E0-156257SIAT Datasheet HTML 1Page - Texas Instruments LMK60E0-156257SIAT Datasheet HTML 2Page - Texas Instruments LMK60E0-156257SIAT Datasheet HTML 3Page - Texas Instruments LMK60E0-156257SIAT Datasheet HTML 4Page - Texas Instruments LMK60E0-156257SIAT Datasheet HTML 5Page - Texas Instruments LMK60E0-156257SIAT Datasheet HTML 6Page - Texas Instruments LMK60E0-156257SIAT Datasheet HTML 7Page - Texas Instruments LMK60E0-156257SIAT Datasheet HTML 8Page - Texas Instruments LMK60E0-156257SIAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
LMK60E2-150M, LMK60E0-156257
LMK60A0-148351, LMK60A0-148M
www.ti.com
SNAS687C – JUNE 2016 – REVISED NOVEMBER 2017
Product Folder Links: LMK60E2-150M LMK60E0-156257 LMK60A0-148351 LMK60A0-148M
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
An output frequency over fOUT max spec is possible, but output swing may be less than VOD min spec.
(2)
Ensured by characterization.
6.7 LVDS Output Characteristics
(1)
VDD = 3.3 V ± 5%, TA = -40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT
Output frequency(1)
10
800
MHz
VOD
Output voltage swing
(VOH - VOL)
(1)
300
390
480
mV
VOUT, DIFF, PP
Differential output peak-to-peak swing
2 × |VOD|
V
VOS
Output common-mode voltage
1.2
V
tR / tF
Output rise/fall time (20% to 80%)(2)
150
250
ps
ODC
Output duty cycle(2)
45%
55%
ROUT
Differential output impedance
125
Ω
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
Measured from -150 mV to +150 mV on the differential waveform with the 300 mVpp measurement window centered on the differential
zero crossing.
(3)
Ensured by design.
(4)
Ensured by characterization.
6.8 HCSL Output Characteristics
(1)
VDD = 3.3 V ± 5%, TA = -40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT
Output frequency
10
400
MHz
VOH
Output high voltage
600
850
mV
VOL
Output low voltage
–100
100
mV
VCROSS
Absolute crossing voltage(2)(3)
250
475
mV
VCROSS-DELTA Variation of VCROSS
(2) (3)
0
140
mV
dV/dt
Slew rate(4)
0.8
2
V/ns
ODC
Output duty cycle(4)
45%
55%
6.9 OE Input Characteristics
VDD = 3.3 V ± 5%, TA = -40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Input high voltage
1.4
V
VIL
Input low voltage
0.6
V
IIH
Input high current
VIH = VDD
–40
40
µA
IIL
Input low current
VIL = GND
–40
40
µA
CIN
Input capacitance
2
pF
(1)
Ensured by characterization.
6.10 Frequency Tolerance Characteristics
(1)
VDD = 3.3 V ± 5%, TA = -40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fT
Total frequency tolerance
LMK60X2: All output formats, frequency
bands and device junction temperature up to
125°C; includes initial freq tolerance,
temperature & supply voltage variation, solder
reflow and aging (10 years)
–50
50
ppm
LMK60X0: All output formats, frequency
bands and device junction temperature up to
115°C; includes initial freq tolerance,
temperature & supply voltage variation, solder
reflow and aging (5 years at 40°C)
–25
25
ppm


同様の部品番号 - LMK60E0-156257SIAT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK60E0-156257SIAT TI1-LMK60E0-156257SIAT Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
More results

同様の説明 - LMK60E0-156257SIAT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M Datasheet
383Kb / 9P
[Old version datasheet]   LMK62XX High-Performance Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com