データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMK61E2-125M00SIAT データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMK61E2-125M00SIAT
部品情報  High-Performance Ultra-Low Jitter Oscillator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMK61E2-125M00SIAT データシート(HTML) 11 Page - Texas Instruments

Back Button LMK61E2-125M00SIAT Datasheet HTML 7Page - Texas Instruments LMK61E2-125M00SIAT Datasheet HTML 8Page - Texas Instruments LMK61E2-125M00SIAT Datasheet HTML 9Page - Texas Instruments LMK61E2-125M00SIAT Datasheet HTML 10Page - Texas Instruments LMK61E2-125M00SIAT Datasheet HTML 11Page - Texas Instruments LMK61E2-125M00SIAT Datasheet HTML 12Page - Texas Instruments LMK61E2-125M00SIAT Datasheet HTML 13Page - Texas Instruments LMK61E2-125M00SIAT Datasheet HTML 14Page - Texas Instruments LMK61E2-125M00SIAT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
VOD
OUT_P
OUT_N
VOUT,DIFF,PP = 2 x VOD
0 V
20%
80%
tR
tF
Sine wave
Modulator
Power Supply
Balun
Phase Noise/
Spectrum
Analyzer
LMK61XX
150
(LVPECL)
Open (LVDS)
50
(HCSL)
150
(LVPECL)
Open (LVDS)
50
(HCSL)
LMK61XX
HCSL
50
50
Balun/
Buffer
Phase Noise/
Spectrum
Analyzer
11
LMK61E0-050M, LMK61E0-155M, LMK61E0-156M, LMK61E2-100M, LMK61E2-125M
LMK61E2-156M, LMK61E2-312M, LMK61A2-100M, LMK61A2-125M, LMK61A2-156M
LMK61A2-312M, LMK61A2-644M, LMK61I2-100M
www.ti.com
SNAS676D – OCTOBER 2015 – REVISED OCTOBER 2017
Product Folder Links: LMK61E0-050M LMK61E0-155M LMK61E0-156M LMK61E2-100M LMK61E2-125M LMK61E2-
156M LMK61E2-312M LMK61A2-100M LMK61A2-125M LMK61A2-156M LMK61A2-312M LMK61A2-644M
LMK61I2-100M
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Device Output Configurations (continued)
Figure 15. HCSL Output AC Configuration During Device Test
Figure 16. PSRR Test Setup
Figure 17. Differential Output Voltage and Rise/Fall Time


同様の部品番号 - LMK61E2-125M00SIAT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK61E2-125M00SIAT TI1-LMK61E2-125M00SIAT Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E2-125M00SIAT TI1-LMK61E2-125M00SIAT Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E2-125M00SIAT TI1-LMK61E2-125M00SIAT Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
More results

同様の説明 - LMK61E2-125M00SIAT

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M Datasheet
980Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M_17 Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com