データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP1G06DBVRE4 データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AUP1G06DBVRE4
部品情報  Low-Power Single Inverter With Open-Drain Outputs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G06DBVRE4 データシート(HTML) 7 Page - Texas Instruments

Back Button SN74AUP1G06DBVRE4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G06DBVRE4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G06DBVRE4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G06DBVRE4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G06DBVRE4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G06DBVRE4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G06DBVRE4 Datasheet HTML 9Page - Texas Instruments SN74AUP1G06DBVRE4 Datasheet HTML 10Page - Texas Instruments SN74AUP1G06DBVRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
30
35
40
45
Time-ns
AUP1G08dataatC =15pF
L
Output
Input
SwitchingCharacteristics
at25MHz
AUP
LVC
AUP
AUP
LVC
Static-PowerConsumption
( A)
m
Dynamic-PowerConsumption
(pF)
Single,dual,andtriplegates
3.3-V
Logic
0%
20%
40%
60%
80%
100%
0%
20%
40%
60%
80%
100%
3.3-V
Logic
7
SN74AUP1G06
www.ti.com
SCES590E – JULY 2004 – REVISED OCTOBER 2017
Product Folder Links: SN74AUP1G06
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
6.9 Switching Characteristics
over recommended operating free-air temperature range, CL = 30 pF (unless otherwise noted) (see Figure 3 and Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
A
Y
VCC = 0.8 V
TA = 25°C
25.3
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
7.6
12
16
TA = –40°C to +85°C
5.6
19.3
VCC = 1.5 V ± 0.1 V
TA = 25°C
5.9
7.6
10.1
TA = –40°C to +85°C
4.3
12
VCC = 1.8 V ± 0.15 V
TA = 25°C
4.8
7.4
10.7
TA = –40°C to +85°C
3.6
11
VCC = 2.5 V ± 0.2 V
TA = 25°C
3.7
5.4
7.1
TA = –40°C to +85°C
2.8
7.8
VCC = 3.3 V ± 0.3 V
TA = 25°C
3.2
6.5
10.5
TA = –40°C to +85°C
2.5
10.8
6.10 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
Cpd
Power dissipation capacitance
f = 10 MHz
0.8 V
1
pF
1.2 V ± 0.1 V
1
1.5 V ± 0.1 V
1
1.8 V ± 0.15 V
1
2.5 V ± 0.2 V
1
3.3 V ± 0.3 V
1
6.11 Typical Characteristics
Figure 1. AUP – The Lowest-Power Family
Figure 2. Excellent Signal Integrity


同様の部品番号 - SN74AUP1G06DBVRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G06DBVRE4 TI-SN74AUP1G06DBVRE4 Datasheet
270Kb / 11P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06DBVRE4 TI-SN74AUP1G06DBVRE4 Datasheet
927Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06DBVRE4 TI1-SN74AUP1G06DBVRE4 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06DBVRE4 TI1-SN74AUP1G06DBVRE4 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
More results

同様の説明 - SN74AUP1G06DBVRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G06 TI1-SN74AUP1G06_18 Datasheet
2Mb / 46P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_12 Datasheet
107Kb / 6P
   Single Inverter with Open Drain Outputs
April, 2012 ??Rev. 7
NL17SZ05 ONSEMI-NL17SZ05 Datasheet
104Kb / 5P
   Single Inverter with Open Drain Outputs
November, 2013 ??Rev. P0
NL17SZ06 ONSEMI-NL17SZ06_15 Datasheet
77Kb / 6P
   Single Inverter with Open Drain Outputs
December, 2015 ??Rev. 9
NL17SZ06 ONSEMI-NL17SZ06 Datasheet
60Kb / 6P
   Single Inverter with Open Drain Outputs
January, 2005 ??Rev. 3
logo
Unisonic Technologies
U74HC1G06 UTC-U74HC1G06 Datasheet
179Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_18 Datasheet
190Kb / 13P
   Single Inverter with Open Drain Outputs
November, 2018 ??Rev. 10
NL17SZ05 ONSEMI-NL17SZ05_18 Datasheet
186Kb / 13P
   Single Inverter with Open Drain Outputs
November, 2018 ??Rev. 0
NLV17SZ06 ONSEMI-NLV17SZ06 Datasheet
71Kb / 5P
   Single Inverter with Open Drain Outputs
December, 2015 ??Rev. 0
logo
Texas Instruments
SN74AUP1G06 TI1-SN74AUP1G06_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com