データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP1G80DCKRE4 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AUP1G80DCKRE4
部品情報  Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G80DCKRE4 データシート(HTML) 9 Page - Texas Instruments

Back Button SN74AUP1G80DCKRE4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G80DCKRE4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G80DCKRE4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G80DCKRE4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G80DCKRE4 Datasheet HTML 9Page - Texas Instruments SN74AUP1G80DCKRE4 Datasheet HTML 10Page - Texas Instruments SN74AUP1G80DCKRE4 Datasheet HTML 11Page - Texas Instruments SN74AUP1G80DCKRE4 Datasheet HTML 12Page - Texas Instruments SN74AUP1G80DCKRE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
9
SN74AUP1G80
www.ti.com
SCES593F – JULY 2004 – REVISED JULY 2017
Product Folder Links: SN74AUP1G80
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
6.9 Switching Characteristics: CL = 10 pF
over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 3 and Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax
VCC = 0.8 V
TA = 25°C
68
MHz
TA = –40°C to +85°C
70
VCC = 1.2 V ± 0.1 V
TA = 25°C
128
TA = –40°C to +85°C
170
VCC = 1.5 V ± 0.1 V
TA = 25°C
189
TA = –40°C to +85°C
220
VCC = 1.8 V ± 0.15 V
TA = 25°C
234
TA = –40°C to +85°C
240
VCC = 2.5 V ± 0.2 V
TA = 25°C
273
TA = –40°C to +85°C
250
VCC = 3.3 V ± 0.3 V
TA = 25°C
280
TA = –40°C to +85°C
260
tpd
CLK
Q
VCC = 0.8 V
TA = 25°C
19.4
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
4.4
8.2
16.2
TA = –40°C to +85°C
3.4
17.7
VCC = 1.5 V ± 0.1 V
TA = 25°C
3.6
5.8
10.7
TA = –40°C to +85°C
2.6
11.3
VCC = 1.8 V ± 0.15 V
TA = 25°C
2.9
4.6
8.4
TA = –40°C to +85°C
2.1
3
VCC = 2.5 V ± 0.2 V
TA = 25°C
2.2
3.3
5.9
TA = –40°C to +85°C
1.7
6.3
VCC = 3.3 V ± 0.3 V
TA = 25°C
1.9
2.7
4.7
TA = –40°C to +85°C
1.4
4.9
6.10 Switching Characteristics: CL = 15 pF
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax
VCC = 0.8 V
TA = 25°C
52
MHz
TA = –40°C to +85°C
50
VCC = 1.2 V ± 0.1 V
TA = 25°C
98
TA = –40°C to +85°C
130
VCC = 1.5 V ± 0.1 V
TA = 25°C
148
TA = –40°C to +85°C
180
VCC = 1.8 V ± 0.15 V
TA = 25°C
196
TA = –40°C to +85°C
240
VCC = 2.5 V ± 0.2 V
TA = 25°C
249
TA = –40°C to +85°C
250
VCC = 3.3 V ± 0.3 V
TA = 25°C
280
TA = –40°C to +85°C
260


同様の部品番号 - SN74AUP1G80DCKRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G80DCKRE4 TI-SN74AUP1G80DCKRE4 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80DCKRE4 TI1-SN74AUP1G80DCKRE4 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80DCKRE4 TI1-SN74AUP1G80DCKRE4 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
More results

同様の説明 - SN74AUP1G80DCKRE4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G80 TI-SN74AUP1G80_08 Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_17 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80 TI-SN74AUP1G80_10 Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI-SN74AUP1G79_10 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G74 TI1-SN74AUP1G74_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79 TI1-SN74AUP1G79_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79_101 TI-SN74AUP1G79_101 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
   Single Positive Edge-triggered D-type Flip Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com