データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AUP1G80DCKRG4 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AUP1G80DCKRG4
部品情報  Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G80DCKRG4 データシート(HTML) 3 Page - Texas Instruments

  SN74AUP1G80DCKRG4 Datasheet HTML 1Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G80DCKRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
Q
VCC
CLK
D
GND
1
2
C
B
A
Not to scale
GND
Q
CLK
D
VCC
1
2
C
B
A
Not to scale
GND
Q
CLK
N.C.
D
VCC
GND
Q
3
4
CLK
2
5
D
6
1
N.C.
V
CC
CLK
NC
D
6
5
4
2
3
GND
Q
V
CC
1
5
1
V
CC
D
2
CLK
3
4
GND
Q
2
CLK
3
4
GND
V
CC
5
D
Q
1
3
SN74AUP1G80
www.ti.com
SCES593F – JULY 2004 – REVISED JULY 2017
Product Folder Links: SN74AUP1G80
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
DCK Package
5-Pin SC70
Top View
DRY Package
6-Pin SON
Top View
DSF Package
6-Pin SON
Top View
YFP Package
6-Pin DSBGA
Bottom View
YZP Package
5-Pin DSBGA
Bottom View
DPW Package
5-Pin X2SON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DBV,
DCK
DRY, DSF
YFP
YZP
DPW
D
1
1
A1
A1
1
I
Data input
CLK
2
2
B1
B1
2
I
Positive-Edge-Triggered Clock input
GND
3
3
C1
C1
3
Ground pin
Q
4
4
C2
C2
4
O
Inverted output
NC
5
B2
No Internal Connection
VCC
5
6
A2
A2
5
Positive Supply


同様の部品番号 - SN74AUP1G80DCKRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G80DCKRG4 TI1-SN74AUP1G80DCKRG4 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80DCKRG4 TI1-SN74AUP1G80DCKRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
More results

同様の説明 - SN74AUP1G80DCKRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AUP1G80 TI-SN74AUP1G80_08 Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_17 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80 TI-SN74AUP1G80_10 Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI-SN74AUP1G79_10 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G74 TI1-SN74AUP1G74_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79 TI1-SN74AUP1G79_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79_101 TI-SN74AUP1G79_101 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
HD74ALVC1G80 RENESAS-HD74ALVC1G80 Datasheet
97Kb / 11P
   Single Positive Edge-triggered D-type Flip Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com