データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLIN2029DQ1 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLIN2029DQ1
部品情報  Fault Protected Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLIN2029DQ1 データシート(HTML) 10 Page - Texas Instruments

Back Button TLIN2029DQ1 Datasheet HTML 6Page - Texas Instruments TLIN2029DQ1 Datasheet HTML 7Page - Texas Instruments TLIN2029DQ1 Datasheet HTML 8Page - Texas Instruments TLIN2029DQ1 Datasheet HTML 9Page - Texas Instruments TLIN2029DQ1 Datasheet HTML 10Page - Texas Instruments TLIN2029DQ1 Datasheet HTML 11Page - Texas Instruments TLIN2029DQ1 Datasheet HTML 12Page - Texas Instruments TLIN2029DQ1 Datasheet HTML 13Page - Texas Instruments TLIN2029DQ1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
1
2
3
4
8
7
6
5
Pulse Generator
tR/tF
: Square Wave: < 20 ns
tR/tF
: Triangle Wave: < 40ns
Frequency: 20 ppm
Jitter: < 25 ns
Measurement Tools
O-scope:
DMM
Power Supply
Resolution: 10mV/1mA
Accuracy: 0.2%
VPS
5 V
RXD
TXD
EN
NC
NC
LIN
GND
VSUP
Copyright © 2017, Texas Instruments Incorporated
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
55
60
0
0.002
0.004
0.006
0.008
0.01
0.012
0.014
0.016
0.018
0.02
D007
-40qC
27qC
125qC
10
TLIN2029-Q1
SLLSEY6 – OCTOBER 2017
www.ti.com
Product Folder Links: TLIN2029-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. Sleep Current vs VSUP and Temperature
7 Parameter Measurement Information
Figure 8. Test System: Operating Voltage Range with RX and TX Access: Parameters 9, 10


同様の部品番号 - TLIN2029DQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLIN2029A-Q1 TI-TLIN2029A-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   TLIN2029A-Q1 Fault Protected LIN Transceiver with Dominant State Timeout
TLIN2029A-Q1 TI-TLIN2029A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN2029A-Q1 Fault Protected LIN Transceiver with Dominant State Timeout
TLIN2029A-Q1 TI-TLIN2029A-Q1_V01 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN2029A-Q1 Fault Protected LIN Transceiver with Dominant State Timeout
TLIN2029ADRBRQ1 TI-TLIN2029ADRBRQ1 Datasheet
2Mb / 41P
[Old version datasheet]   TLIN2029A-Q1 Fault Protected LIN Transceiver with Dominant State Timeout
TLIN2029ADRBRQ1 TI-TLIN2029ADRBRQ1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN2029A-Q1 Fault Protected LIN Transceiver with Dominant State Timeout
More results

同様の説明 - TLIN2029DQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLIN2024-Q1 TI1-TLIN2024-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Fault Protected Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN2022-Q1 TI1-TLIN2022-Q1 Datasheet
2Mb / 40P
[Old version datasheet]   Fault Protected Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1029-Q1 TI1-TLIN1029-Q1_19 Datasheet
2Mb / 40P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1029-Q1 TI1-TLIN1029-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1022-Q1 TI1-TLIN1022-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1024-Q1 TI1-TLIN1024-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1039-Q1 TI-TLIN1039-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TLIN1039-Q1 Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFH7 ??AUGUST 2021
TLIN1022A-Q1 TI-TLIN1022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN1022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1024A-Q1 TI-TLIN1024A-Q1 Datasheet
3Mb / 41P
[Old version datasheet]   TLIN1024A-Q1 Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFF6 ??SEPTEMBER 2021
TLIN1029A-Q1 TI-TLIN1029A-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TLIN1029A-Q1 Fault Protected LIN Transceiver with Dominant State Timeout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com