データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLIN1029DRBTQ1 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLIN1029DRBTQ1
部品情報  Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLIN1029DRBTQ1 データシート(HTML) 11 Page - Texas Instruments

Back Button TLIN1029DRBTQ1 Datasheet HTML 7Page - Texas Instruments TLIN1029DRBTQ1 Datasheet HTML 8Page - Texas Instruments TLIN1029DRBTQ1 Datasheet HTML 9Page - Texas Instruments TLIN1029DRBTQ1 Datasheet HTML 10Page - Texas Instruments TLIN1029DRBTQ1 Datasheet HTML 11Page - Texas Instruments TLIN1029DRBTQ1 Datasheet HTML 12Page - Texas Instruments TLIN1029DRBTQ1 Datasheet HTML 13Page - Texas Instruments TLIN1029DRBTQ1 Datasheet HTML 14Page - Texas Instruments TLIN1029DRBTQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
1
2
3
4
8
7
6
5
Pulse Generator
tR/tF
: Square Wave: < 20 ns
tR/tF
: Triangle Wave: < 40ns
Frequency: 20 ppm
T = 10 ms
Jitter: < 25 ns
Measurement Tools
O-scope:
DMM
Power Supply
Resolution: 10mV/1mA
Accuracy: 0.2%
VPS
5 V
RXD
TXD
EN
NC
NC
LIN
GND
VSUP
RMEAS
Copyright © 2017, Texas Instruments Incorporated
1
2
3
4
8
7
6
5
Measurement Tools
O-scope:
DMM
Power Supply 1
Resolution: 10mV/1mA
Accuracy: 0.2%
VPS1
5 V
RXD
TXD
EN
NC
NC
LIN
GND
VSUP
Power Supply 2
Resolution: 10mV/1mA
Accuracy: 0.2%
VPS2
D
RBUS
Copyright © 2017, Texas Instruments Incorporated
11
TLIN1029-Q1
www.ti.com
SLLSEY5 – OCTOBER 2017
Product Folder Links: TLIN1029-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Parameter Measurement Information (continued)
Figure 12. VSUP_NON_OP Param 11
Figure 13. Test Circuit for IBUS_LIM at Dominant State (Driver on) Param 12


同様の部品番号 - TLIN1029DRBTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLIN1029DRBTQ1 TI1-TLIN1029DRBTQ1 Datasheet
2Mb / 40P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
More results

同様の説明 - TLIN1029DRBTQ1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLIN1029-Q1 TI1-TLIN1029-Q1_19 Datasheet
2Mb / 40P
[Old version datasheet]   Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1022-Q1 TI1-TLIN1022-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1024-Q1 TI1-TLIN1024-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1039-Q1 TI-TLIN1039-Q1 Datasheet
2Mb / 38P
[Old version datasheet]   TLIN1039-Q1 Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFH7 ??AUGUST 2021
TLIN2029-Q1 TI1-TLIN2029-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   Fault Protected Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1022A-Q1 TI-TLIN1022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN1022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN1024A-Q1 TI-TLIN1024A-Q1 Datasheet
3Mb / 41P
[Old version datasheet]   TLIN1024A-Q1 Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
SLLSFF6 ??SEPTEMBER 2021
TLIN2024A-Q1 TI-TLIN2024A-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   TLIN2024A-Q1 Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
JUNE 2022
TLIN2022A-Q1 TI-TLIN2022A-Q1 Datasheet
2Mb / 45P
[Old version datasheet]   TLIN2022A-Q1 Dual Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
TLIN2024-Q1 TI1-TLIN2024-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   Fault Protected Quad Local Interconnect Network (LIN) Transceiver with Dominant State Timeout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com