データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UF4002 データシート(PDF) 1 Page - Suntan Capacitors

部品番号 UF4002
部品情報  FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SUNTAN [Suntan Capacitors]
ホームページ  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

UF4002 データシート(HTML) 1 Page - Suntan Capacitors

  UF4002 Datasheet HTML 1Page - Suntan Capacitors UF4002 Datasheet HTML 2Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Suntan® Su®
UF4001 THRU UF4007
FAST RECOVERY RECTIFIER
VOLTAGE RANGE 50 to 1000 Volts
CURRENT 1.0 Ampere
F E A T U R E S
◆Ultrafast recovery time for high capability
◆Low forward voltage drop
◆Low leakage current
◆High forward surge capability
◆High temperature soldering guaranteed:
260℃/10 seconds,0.375”(9.5mm)lead length at 5 lbs(2.3kg)
tension
Mechanical Data
◆Case: Transfer molded plastic
◆Epoxy: UL94V-0 rate flame retardant
◆Polarity: Color band denotes cathode end
◆Lead: Plated axial lead, solderable per MIL-STD-202E method
208C
◆Mounting position: Any
◆Weight: 0.012ounce, 0.33 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%
PARAMETER
SYMBOL
UF
4001
UF
4002
UF
4003
UF
4004
UF
4005
UF
4006
UF
4007
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current at TA=75℃
I(AV)
1.0
Amps
Peak Forward Surge Current 8.3mS single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
30
Amps
Maximum Instantaneous Forward Voltage at 1.0A
VF
1.1
1.7
Volts
Maximum DC Reverse Current
at rated DC Blocking Voltage
TA = 25℃
IR
5.0
uA
TA = 125℃
50
Maximum Reverse Recovery Time(NOTE1)
TRR
50
75
nS
Typical Junction Capacitance (NOTE 2)
CJ
20
15
pF
Typical Thermal Resistance (NOTE 3)
RθJA
60
℃/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
Note:
1. Reverse Recovery Test Conditions: If=0.5A,Ir=1.0A,Irr=0.25A.
2. Measured at 1.0MHz and applied reverse voltage of 4.0 Volts.
3. Thermal Resistance from Junction to Ambient at. 375”(9.5mm)lead length, P.C. board mounted.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
DO-41
Dimensions in inches and (millimeters)


同様の部品番号 - UF4002

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
UF4002 WTE-UF4002 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
Nanjing International G...
UF4002 DGNJDZ-UF4002 Datasheet
139Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
UF4002 PFS-UF4002 Datasheet
177Kb / 2P
   ULTRA FAST RECTIFIER
logo
List of Unclassifed Man...
UF4002 ETC1-UF4002 Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
UF4002 YFWDIODE-UF4002 Datasheet
426Kb / 3P
   High Efficiency Silicon Rectifiers
More results

同様の説明 - UF4002

メーカー部品番号データシート部品情報
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com