データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1N6285A データシート(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

部品番号 1N6285A
部品情報  1500 WattsTransient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
ホームページ  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1N6285A データシート(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1N6285A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N6285A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N6285A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 1N6285A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.5KE SERIES
1500 WattsTransient Voltage Suppressor Diodes
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
1500W surge capability at 10 x 1000 us
waveform
Excellent clamping capability
Low Dynamic impedance
Fast response time: Typically less than 1.0ps
from 0 volts to VBR for unidirectional and 5.0 ns
for bidirectional
Typical IR less than 1uA above 10V
High temperature soldering guaranteed:
260
oC / 10 seconds / .375”,(9.5mm) lead length
/ 5lbs.,(2.3kg) tension
Mechanical Data
Case: Molded plastic
Polarity: Color band denotes cathode except
bipolar
Weight: 0.9 gram
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
Value
Units
P
eak Power Dissipation at TA=25
oC, Tp=1ms (Note 1)
PPK
Minimum1500
Watts
Steady State Power Dissipation at TL=75
oC
Lead Lengths .375”, 9.5mm (Note 2)
PD
5.0
Watts
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 3)
IFSM
200
Amps
Maximum Instantaneous Forward Voltage at 50.0A for
Unidirectional Only (Note 4)
VF
3.5 / 5.0
Volts
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 175
oC
Notes:
1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25
oC Per Fig. 2.
2. Mounted on Copper Pad Area of 0.6 x 0.6” (16 x 16 mm) Per Fig. 4.
3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minutes
Maximum.
4. VF=3.5V for Devices of VBR
200V and V
F=5.0V Max. for Devices VBR>200V.
Devices for Bipolar Applications
1. For Bidirectional Use C or CA Suffix for Types 1.5KE6.8 through Types 1.5KE440.
2. Electrical Characteristics Apply in Both Directions.
DO - 201AE
Dimensions in millimeters
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


同様の部品番号 - 1N6285A

メーカー部品番号データシート部品情報
logo
Transys Electronics
1N6285A TRSYS-1N6285A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6285A VISHAY-1N6285A Datasheet
110Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
logo
DAESAN ELECTRONIC CORP.
1N6285A DAESAN-1N6285A Datasheet
1Mb / 6P
   POWER 1500Watts VOLTAGE 6.8 to 440 Volts
logo
Shenzhen Luguang Electr...
1N6285A LUGUANG-1N6285A Datasheet
215Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Dc Components
1N6285A DCCOM-1N6285A Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - 1N6285A

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
1.5KE6.8 TSC-1.5KE6.8_1 Datasheet
376Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Shenzhen Luguang Electr...
1.5KE600A LUGUANG-1.5KE600A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE550 LUGUANG-1.5KE550 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE600 LUGUANG-1.5KE600 Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE6.8 LUGUANG-1.5KE6.8 Datasheet
215Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE550A LUGUANG-1.5KE550A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
1.5KE LUGUANG-1.5KE Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Taiwan Semiconductor Co...
1.5KE TSC-1.5KE_10 Datasheet
677Kb / 4P
   1500 WattsTransient Voltage Suppressor
logo
Microsemi Corporation
1N5908 MICROSEMI-1N5908 Datasheet
224Kb / 3P
   1500 WATT LOW VOLTAGE TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5SMC6V8 ETC1-1.5SMC6V8 Datasheet
97Kb / 6P
   1500 W Unidirectional and Bidirectional Surface Mounted Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com