データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS27S100 データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS27S100
部品情報  40-V, 80-m(ohm) Single-Channel High-Side Switch
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS27S100 データシート(HTML) 3 Page - Texas Instruments

  TPS27S100 Datasheet HTML 1Page - Texas Instruments TPS27S100 Datasheet HTML 2Page - Texas Instruments TPS27S100 Datasheet HTML 3Page - Texas Instruments TPS27S100 Datasheet HTML 4Page - Texas Instruments TPS27S100 Datasheet HTML 5Page - Texas Instruments TPS27S100 Datasheet HTML 6Page - Texas Instruments TPS27S100 Datasheet HTML 7Page - Texas Instruments TPS27S100 Datasheet HTML 8Page - Texas Instruments TPS27S100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
IN
GND
IN
IN
OUT
OUT
OUT
13
1
2
3
4
5
6
7
8
9
10
11
12
14
Tab
NC
EN
NC
NC
IMON
DIAG_EN
ILIM
IN
GND
IN
IN
OUT
OUT
OUT
13
1
2
3
4
5
6
7
8
9
10
11
12
14
Tab
NC
EN
NC
NC
FLT
DIAG_EN
ILIM
3
TPS27S100
www.ti.com
SLVSE42 – OCTOBER 2017
Product Folder Links: TPS27S100
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
4 Pin Configuration and Functions
TPS27S100A PWP Package
14-Pin HTSSOP With Exposed Thermal Pad
Top View
NC – No internal connection
TPS27S100B PWP Package
14-Pin HTSSOP With Exposed Thermal Pad
Top View
NC – No internal connection
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TPS27S100A
TPS27S100B
DIAG_EN
12
12
I
Enable and disable pin for diagnostic functions. Connect to device GND
if not used.
EN
3
3
I
Enable control for channel activation.
FLT
14
O
Open-drain diagnostic status output. Leave floating if not used.
GND
2
2
Ground pin.
ILIM
13
13
O
adjustable current-limit pin. Connect to device GND if external current
limit is not used.
IMON
14
O
Current-monitor output. Leave floating if not used.
IN
8, 9, 10
8, 9, 10
I
Power supply.
NC
1, 4, 11
1, 4, 11
No-connect pin; leave floating.
OUT
5, 6, 7
5, 6, 7
O
Output, connected to load.
Thermal pad
Thermal pad. Connect to device GND or leave floating.


同様の部品番号 - TPS27S100

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS27S100APWPR TI1-TPS27S100APWPR Datasheet
1Mb / 37P
[Old version datasheet]   TPS27S100x 40-V, 4-A, 80-m廓 Single-Channel High-Side Switch
TPS27S100APWPT TI1-TPS27S100APWPT Datasheet
1Mb / 37P
[Old version datasheet]   TPS27S100x 40-V, 4-A, 80-m廓 Single-Channel High-Side Switch
TPS27S100ARRKR TI1-TPS27S100ARRKR Datasheet
1Mb / 37P
[Old version datasheet]   TPS27S100x 40-V, 4-A, 80-m廓 Single-Channel High-Side Switch
TPS27S100ARRKT TI1-TPS27S100ARRKT Datasheet
1Mb / 37P
[Old version datasheet]   TPS27S100x 40-V, 4-A, 80-m廓 Single-Channel High-Side Switch
TPS27S100BPWPR TI1-TPS27S100BPWPR Datasheet
1Mb / 37P
[Old version datasheet]   TPS27S100x 40-V, 4-A, 80-m廓 Single-Channel High-Side Switch
More results

同様の説明 - TPS27S100

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS1HA08-Q1 TI1-TPS1HA08-Q1_18 Datasheet
963Kb / 52P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
TPS1H200-Q1 TI1-TPS1H200-Q1 Datasheet
848Kb / 32P
[Old version datasheet]   40-V 200-m(ohm) Single-Channel Smart High-Side Switch
TPS1HA08-Q1 TI1-TPS1HA08-Q1 Datasheet
236Kb / 7P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
TPS27S100 TI1-TPS27S100_V01 Datasheet
1Mb / 37P
[Old version datasheet]   TPS27S100x 40-V, 4-A, 80-m廓 Single-Channel High-Side Switch
TPS1H000-Q1 TI1-TPS1H000-Q1 Datasheet
793Kb / 27P
[Old version datasheet]   40-V 1-(ohm) Single-Channel Smart High-Side Switch
TPS2HB35-Q1 TI1-TPS2HB35-Q1 Datasheet
239Kb / 7P
[Old version datasheet]   40-V, 35-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1_18 Datasheet
851Kb / 52P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1 Datasheet
171Kb / 7P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1_19 Datasheet
1Mb / 56P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB16-Q1 TI1-TPS2HB16-Q1 Datasheet
304Kb / 10P
[Old version datasheet]   40-V, 16-m(ohm) Dual-Channel Smart High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com