データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS27S100X データシート(PDF) 10 Page - Texas Instruments

部品番号 TPS27S100X
部品情報  40-V, 80-m(ohm) Single-Channel High-Side Switch
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS27S100X データシート(HTML) 10 Page - Texas Instruments

Back Button TPS27S100X Datasheet HTML 6Page - Texas Instruments TPS27S100X Datasheet HTML 7Page - Texas Instruments TPS27S100X Datasheet HTML 8Page - Texas Instruments TPS27S100X Datasheet HTML 9Page - Texas Instruments TPS27S100X Datasheet HTML 10Page - Texas Instruments TPS27S100X Datasheet HTML 11Page - Texas Instruments TPS27S100X Datasheet HTML 12Page - Texas Instruments TPS27S100X Datasheet HTML 13Page - Texas Instruments TPS27S100X Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Temperature (°C)
-40
-15
10
35
60
85
110 125
0.6
0.8
1
1.2
1.4
1.6
1.8
D005
Vlogic,h
Vlogic,l
Temperature (qC)
-40
-15
10
35
60
85
110 125
0
0.2
0.4
0.6
0.8
1
1.2
D004
Temperature (°C)
-40
-15
10
35
60
85
110 125
3
3.2
3.4
3.6
3.8
4
D001
Vs,uvr
Vs,uvf
Temperature (qC)
-40
-15
10
35
60
85
110 125
0
2
4
6
8
10
D002
Inom (no load)
Inom (24-O load)
10
TPS27S100
SLVSE42 – OCTOBER 2017
www.ti.com
Product Folder Links: TPS27S100
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5.8 Typical Characteristics
All the below data are based on the mean value of the three lots samples, VIN = 24 V if not specified.
Figure 4. IN Pin Undervoltage Rising and Falling Thresholds
VIN,UVR and VIN,UVF
Figure 5. Inom With No Load and 24-Ω Load
Figure 6. Ioff,diag as a Function of Temperature
Figure 7. Vlogic,h and Vlogic,l


同様の部品番号 - TPS27S100X

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS27S100X TI1-TPS27S100X Datasheet
1Mb / 37P
[Old version datasheet]   TPS27S100x 40-V, 4-A, 80-m廓 Single-Channel High-Side Switch
More results

同様の説明 - TPS27S100X

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS1HA08-Q1 TI1-TPS1HA08-Q1_18 Datasheet
963Kb / 52P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
TPS1H200-Q1 TI1-TPS1H200-Q1 Datasheet
848Kb / 32P
[Old version datasheet]   40-V 200-m(ohm) Single-Channel Smart High-Side Switch
TPS1HA08-Q1 TI1-TPS1HA08-Q1 Datasheet
236Kb / 7P
[Old version datasheet]   40-V, 8-m(ohm) Single-Channel Smart High-Side Switch
TPS27S100 TI1-TPS27S100_V01 Datasheet
1Mb / 37P
[Old version datasheet]   TPS27S100x 40-V, 4-A, 80-m廓 Single-Channel High-Side Switch
TPS1H000-Q1 TI1-TPS1H000-Q1 Datasheet
793Kb / 27P
[Old version datasheet]   40-V 1-(ohm) Single-Channel Smart High-Side Switch
TPS2HB35-Q1 TI1-TPS2HB35-Q1 Datasheet
239Kb / 7P
[Old version datasheet]   40-V, 35-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1_18 Datasheet
851Kb / 52P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1 Datasheet
171Kb / 7P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB08-Q1 TI1-TPS2HB08-Q1_19 Datasheet
1Mb / 56P
[Old version datasheet]   40-V, 8-m(ohm) Dual-Channel Smart High-Side Switch
TPS2HB16-Q1 TI1-TPS2HB16-Q1 Datasheet
304Kb / 10P
[Old version datasheet]   40-V, 16-m(ohm) Dual-Channel Smart High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com