データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST92F120V9Q7 データシート(PDF) 9 Page - STMicroelectronics

部品番号 ST92F120V9Q7
部品情報  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
Download  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120V9Q7 データシート(HTML) 9 Page - STMicroelectronics

Back Button ST92F120V9Q7 Datasheet HTML 5Page - STMicroelectronics ST92F120V9Q7 Datasheet HTML 6Page - STMicroelectronics ST92F120V9Q7 Datasheet HTML 7Page - STMicroelectronics ST92F120V9Q7 Datasheet HTML 8Page - STMicroelectronics ST92F120V9Q7 Datasheet HTML 9Page - STMicroelectronics ST92F120V9Q7 Datasheet HTML 10Page - STMicroelectronics ST92F120V9Q7 Datasheet HTML 11Page - STMicroelectronics ST92F120V9Q7 Datasheet HTML 12Page - STMicroelectronics ST92F120V9Q7 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 324 page
background image
9/324
ST92F120 - GENERAL DESCRIPTION
1.2.4.3 Internal Circuitry: Digital I/O pin
In Figure 3 a schematic representation of an ST9
pin able to operate either as an input or as an out-
put is shown. The circuitry implements a standard
input buffer and a push-pull configuration for the
output buffer. It is evident that although it is possi-
ble to disable the output buffer when the input sec-
tion is used, the MOS transistors of the buffer itself
can still affect the behaviour of the pin when ex-
posed to illegal conditions. In fact, the P-channel
transistor of the output buffer implements a direct
diode to VDD (P-diffusion of the drain connected to
the pin and N-well connected to VDD), while the N-
channel of the output buffer implements a diode to
VSS (P-substrate connected to VSS and N-diffu-
sion of the drain connected to the pin). In parallel
to these diodes, dedicated circuitry is implemented
to protect the logic from ESD events (MOS, diodes
and input series resistor).
The most important characteristic of these extra
devices is that they must not disturb normal oper-
ating modes, while acting during exposure to over
limit conditions, avoiding permanent damage to
the logic circuitry.
All I/O pins can generally be programmed to work
also as open-drain outputs, by simply writing in the
corresponding register of the I/O Port. The gate of
the P-channel of the output buffer is disabled: it is
important to highlight that physically the P-channel
transistor is still present, so the diode to VDD
works. In some applications it can occur that the
voltage applied to the pin is higher than the VDD
value (supposing the external line is kept high,
while the ST9 power supply is turned off): this con-
dition will inject current through the diode, risking
permanent damages to the device.
In any case, programming I/O pins as open-drain
can help when several pins in the system are tied
to the same point: of course software must pay at-
tention to program only one of them as output at
any time, to avoid output driver contentions; it is
advisable to configure these pins as output open-
drain in order to reduce the risk of current conten-
tions.
Figure 4. Digital Input/Output - True Open Drain Output
PIN
OUTPUT
BUFFER
N
P
N
N
INPUT
BUFFER
ESD PROTECTION
CIRCUITRY
PORT CIRCUITRY
I/O CIRCUITRY
P
EN
EN
1


同様の部品番号 - ST92F120V9Q7

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST92F120V9Q STMICROELECTRONICS-ST92F120V9Q Datasheet
1Mb / 320P
   8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
More results

同様の説明 - ST92F120V9Q7

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST92F120 STMICROELECTRONICS-ST92F120 Datasheet
1Mb / 320P
   8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
ST92F124 STMICROELECTRONICS-ST92F124 Datasheet
3Mb / 426P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
ST92F124 STMICROELECTRONICS-ST92F124_06 Datasheet
4Mb / 429P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
logo
Holtek Semiconductor In...
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
STMicroelectronics
ST10F271B STMICROELECTRONICS-ST10F271B Datasheet
1Mb / 180P
   16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
logo
Holtek Semiconductor In...
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
Silicon Laboratories
C8051F310 SILABS-C8051F310_1 Datasheet
2Mb / 228P
   8/16 kB ISP Flash MCU Family
logo
List of Unclassifed Man...
C8051F310 ETC1-C8051F310 Datasheet
2Mb / 224P
   8/16 kB ISP Flash MCU Family
logo
Holtek Semiconductor In...
HT66F03C HOLTEK-HT66F03C Datasheet
1Mb / 142P
   8-Pin Enhanced Flash Type 8-Bit MCU with EEPROM
Rev. 0.00 February 26, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com