データシートサーチシステム |
|
AD7877ACPZ-500RL7 データシート(PDF) 5 Page - Analog Devices |
|
AD7877ACPZ-500RL7 データシート(HTML) 5 Page - Analog Devices |
5 / 46 page AD7877 Data Sheet Parameter Min Typ Max Unit Test Conditions/Comments DAC Resolution 8 Bits Integral Nonlinearity ±1 Bits Differential Nonlinearity ±1 Guaranteed monotonic by design Voltage Mode Output Voltage Range 0 − VCC/2 V DAC register Bit 2 = 0, Bit 0 = 0 0 − VCC V DAC register Bit 2 = 0, Bit 0 = 1 Slew Rate −0.4, +0.5 V/µs Output Settling Time 12 15 µs 0 to 3/4 scale, RLOAD = 10 kΩ, CLOAD = 50 pF Capacitive Load Stability 50 100 pF RLOAD = 10 kΩ Output Impedance 75 kΩ Power-down mode Short-Circuit Current 21 mA Current Mode Output Current Range 0 1000 µA DAC register, Bit 2 = 1; full-scale current is set by RRNG Output Impedance Open Power-down mode LOGIC INPUTS Input High Voltage, VINH 0.7 VDRIVE V Input Low Voltage, VINL 0.3 VDRIVE V Input Current, IIN ±1 µA Typically 10 nA, VIN = 0 V or VCC Input Capacitance, CIN4 10 pF LOGIC OUTPUTS Output High Voltage, VOH VDRIVE − 0.2 V ISOURCE = 250 µA, VCC/VDRIVE = 2.7 V to 5.25 V Output Low Voltage, VOL 0.4 V ISINK = 250 µA Floating-State Leakage Current ±10 µA Floating-State Output Capacitance4 10 pF Output Coding Straight (natural) binary CONVERSION RATE Conversion Time 8 µs CS high to DAV low Throughput Rate 125 kSPS POWER REQUIREMENTS VCC (Specified Performance) 2.7 3.6 V Functional from 2.2 V to 5.25 V VDRIVE 1.65 VCC V ICC Digital inputs = 0 V or VCC Converting Mode 240 380 µA ADC on, internal reference off, VCC = 3.6 V 650 900 µA ADC on, internal reference on, VCC = 3.6 V 900 µA ADC on, internal reference on, DAC on Static 150 µA ADC on, but not converting, internal reference off, VCC = 3.6 V Shutdown Mode 1 µA 1 See the Terminology section. 2 Difference between Temp0 and Temp1 measurement. No calibration necessary. 3 Temperature drift is −2.1 mV/°C. 4 Sample tested @ 25°C to ensure compliance. Rev. E | Page 4 of 45 |
同様の部品番号 - AD7877ACPZ-500RL7 |
|
同様の説明 - AD7877ACPZ-500RL7 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |