データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD73322LYRU-REEL データシート(PDF) 8 Page - Analog Devices

部品番号 AD73322LYRU-REEL
部品情報  Low Cost, Low Power CMOS General-Purpose Dual Analog Front
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD73322LYRU-REEL データシート(HTML) 8 Page - Analog Devices

Back Button AD73322LYRU-REEL Datasheet HTML 4Page - Analog Devices AD73322LYRU-REEL Datasheet HTML 5Page - Analog Devices AD73322LYRU-REEL Datasheet HTML 6Page - Analog Devices AD73322LYRU-REEL Datasheet HTML 7Page - Analog Devices AD73322LYRU-REEL Datasheet HTML 8Page - Analog Devices AD73322LYRU-REEL Datasheet HTML 9Page - Analog Devices AD73322LYRU-REEL Datasheet HTML 10Page - Analog Devices AD73322LYRU-REEL Datasheet HTML 11Page - Analog Devices AD73322LYRU-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
AD73322L
Rev. A | Page 7 of 48
SIGNAL RANGES
Table 3.
Mnemoic
Description
Range
VREFCAP
1.2 V ± 10%
VREFOUT
1.2 V ± 10%
ADC
Maximum input range at VIN
1.578 V p-p
Nominal reference level
1.0954 V p-p
DAC
Maximum voltage output swing
Single-Ended
1.578 V p-p
Differential
3.156 V p-p
Nominal voltage output swing
Single-Ended
1.0954 V p-p
Differential
2.1909 V p-p
Output bias voltage
VREFOUT
TIMING CHARACTERISTICS
AVDD = 3 V ± 10%; DVDD = 3 V ± 10%; AGND = DGND = 0 V; TA = TMlN to TMAX, unless otherwise noted.
Table 4.
Parameter
Limit at TA = −40°C to +105°C
Unit
Description
Clock Signals
See Figure 2
t1
61
ns min
MCLK period
t2
24.4
ns min
MCLK width high
t3
24.4
ns min
MCLK width low
Serial Port
See Figure 4 and Figure 5
t4
t1
ns min
SCLK period
t5
0.4 × t1
ns min
SCLK width high
t6
0.4 × t1
ns min
SCLK width low
t7
20
ns min
SDI/SDIFS setup before SCLK low
t8
0
ns min
SDI/SDIFS hold after SCLK low
t9
10
ns max
SDOFS delay from SCLK high
t10
10
ns min
SDOFS hold after SCLK high
t11
10
ns min
SDO hold after SCLK high
t12
10
ns max
SDO delay from SCLK high
t13
30
ns max
SCLK delay from MCLK


同様の部品番号 - AD73322LYRU-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD73322LYRU AD-AD73322LYRU Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
More results

同様の説明 - AD73322LYRU-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD73322 AD-AD73322_17 Datasheet
421Kb / 44P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front
AD73322ARZ AD-AD73322ARZ Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322_15 Datasheet
389Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322 AD-AD73322 Datasheet
386Kb / 43P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. B
AD73322L AD-AD73322L Datasheet
437Kb / 40P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. 0
AD73322L AD-AD73322L_15 Datasheet
1Mb / 48P
   Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
REV. A
AD73311LARUZ AD-AD73311LARUZ Datasheet
357Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311L AD-AD73311L Datasheet
382Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. A
AD73311ARZ-REEL AD-AD73311ARZ-REEL Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
AD73311LARUZ-RL7 AD-AD73311LARUZ-RL7 Datasheet
340Kb / 36P
   Low Cost, Low Power CMOS General Purpose Analog Front End
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com