データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS1B データシート(PDF) 2 Page - Yangzhou yangjie electronic co., ltd

部品番号 GS1B
部品情報  Surface Mount General Purpose Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YANGJIE [Yangzhou yangjie electronic co., ltd]
ホームページ  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

GS1B データシート(HTML) 2 Page - Yangzhou yangjie electronic co., ltd

  GS1B Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd GS1B Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd GS1B Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd GS1B Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GS1A THRU GS1M
2 / 4
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S048
Rev. 2.0, 28-Apr-14
www.21yangjie.com
■Thermal Characteristics (T
a=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
GS1A
GS1B
GS1D
GS1G
GS1J
GS1K
GS1M
Thermal Resistance
R
θJ-A(1)
℃/W
95
1)
R
θJ-L(1)
℃/W
22
1)
Note
(1)
Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper
pad areas
■Ordering Information (Example)
PREFERED
P/N
PACKAGE
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
GS1A-GS1M
F2
Approximate 0.059
2000
8000
64000
7
” reel
GS1A-GS1M
F1
Approximate 0.059
5000
10000
80000
13
” reel
■ Characteristics (Typical)
FIG.3: TYPICAL FORWARD CHARACTERISTICS
TJ=25
Pulse width=300us
1% Duty Cycle
0.1
1.0
10
100
200
0.5
Instantaneous Forward Voltage(V)
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
FIG.4:TYPICAL REVERSE CHARACTERISTICS
Percent of Rated Peak Reverse Voltage(%)
Tj=25℃
Tj=150℃
Tj=100℃
0.01
0.1
0
20
40
60
80
100
1.0
10
100
1000
0
40
80
120
160
1.0
0.8
0.6
0.4
0.2
0
FIG1:Io-TL Curve
Lead Tempreture(℃)
1
2
5
10
20
50
100
Number of Cycles
FIG2:Surge Forward Current Capability
70
20
5
正弦半波
half sine wave
0
8.3ms
8.3ms
1cycle
不重复
non-repetitive
Tj=25℃
10
60
30
40
50


同様の部品番号 - GS1B

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
GS1B PANJIT-GS1B Datasheet
53Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
CHENG-YI ELECTRONIC CO....
GS1B CHENG-YI-GS1B Datasheet
112Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Chongqing Pingwei Enter...
GS1B CHONGQING-GS1B Datasheet
198Kb / 1P
   1.0AMP.GLASS PASSIVATED SURFACE MOUNT RECTIFIERS
logo
Surge Components
GS1B SURGE-GS1B Datasheet
85Kb / 2P
   SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 1.0 Ampere?
logo
Taiwan Semiconductor Co...
GS1B TSC-GS1B Datasheet
509Kb / 2P
   1.0 AMPS. Surface Mount Silicon Rectifiers
More results

同様の説明 - GS1B

メーカー部品番号データシート部品情報
logo
Central Semiconductor C...
CXR1-04 CENTRAL-CXR1-04 Datasheet
99Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
GS3ABQ YANGJIE-GS3ABQ Datasheet
764Kb / 4P
   Surface Mount General Purpose Rectifier
GS5AQ YANGJIE-GS5AQ Datasheet
215Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1AW PANJIT-GS1AW Datasheet
113Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
G1AQ YANGJIE-G1AQ Datasheet
219Kb / 5P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1AWG PANJIT-GS1AWG Datasheet
117Kb / 5P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
GS1AWZ PANJIT-GS1AWZ Datasheet
109Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIER
logo
Yangzhou yangjie electr...
GS2AAQ YANGJIE-GS2AAQ Datasheet
239Kb / 4P
   Surface Mount General Purpose Rectifier
GS8AQ YANGJIE-GS8AQ Datasheet
224Kb / 4P
   Surface Mount General Purpose Rectifier
logo
Pan Jit International I...
GS1GAFC PANJIT-GS1GAFC Datasheet
343Kb / 4P
   Surface Mount General Purpose Rectifier
July 4,2020 GS1GAFC_SERIES-REV.00
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com