データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM85-3021-35-5012 データシート(PDF) 2 Page - Willow Technologies Ltd

部品番号 DM85-3021-35-5012
部品情報  industrial relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WILLOW [Willow Technologies Ltd]
ホームページ  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DM85-3021-35-5012 データシート(HTML) 2 Page - Willow Technologies Ltd

  DM85-3021-35-5012 Datasheet HTML 1Page - Willow Technologies Ltd DM85-3021-35-5012 Datasheet HTML 2Page - Willow Technologies Ltd DM85-3021-35-5012 Datasheet HTML 3Page - Willow Technologies Ltd DM85-3021-35-5012 Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DM85 terminals are doubled for each contact.
Both terminals are to be used while connecting to load.
14 (8)
14 (8)
11 (7)
11 (7)
12 (6)
A1 (1)
A1 (1)
24 (5)
24 (5)
21 (4)
21 (4)
22 (3)
A2 (2)
A2 (2)
22(3); 21(4); 24(5);
12(6); 11(7); 14(8)
A1(1); A2(2)
Terminal (pin)
Drilling hole:
• for relays
• for sockets
Ø 1,3 + 0,1 mm
Ø 1,5 + 0,1 mm
[mm]
Ø 0,6
0,5 x 0,9
1003
1005
1006
1009
1018
1036
1048
1060
1110
1012
1024
5012
5048
5060
5110
5115
5120
5220
5240
5024
5230
3
5
6
9
18
36
48
60
110
12
24
12
48
60
110
115
120
220
240
24
230
22
60
90
200
710
3 140
5 700
7 500
25 200
360
1 440
100
1 550
2 600
8 900
9 600
10 200
35 500
42 500
400
38 500
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±15%
±10%
±10%
2,1
3,5
4,2
6,3
12,6
25,2
33,6
42,0
77,0
8,4
16,8
9,6
38,4
19,2
48,0
88,0
92,0
96,0
176,0
192,0
184,0
13,2
57,6
28,8
72,0
132,0
138,0
144,0
264,0
288,0
276,0
7,6
12,7
15,3
22,9
45,9
91,8
122,4
153,0
280,0
30,6
61,2
Dimensions
Connections diagrams (pin side view)
515
2,5
5
29
Coil code
Rated voltage
V DC
Coil resistance
±10% at 20 °C
Coil operating range at 20 °C
V DC
max.
min.
Standard coil rated voltages marked with bold type.
Coil data - DC voltage version
Table 1
Coil code
Rated voltage
V AC
Coil resistance
at 20 °C
Acceptable
resistance
Coil operating range at 20 °C
V AC - 50 Hz
max.
min.
Coil data - AC 50/60 Hz voltage version
Table 2
Standard coil rated voltages marked with bold type.
DM85
industrial relays
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Page 2 of 4
1C/O
1NO


同様の部品番号 - DM85-3021-35-5012

メーカー部品番号データシート部品情報
logo
Willow Technologies Ltd
DM85-5021-25-1003 WILLOW-DM85-5021-25-1003 Datasheet
210Kb / 2P
   pcb power relay
DM85-5021-25-1005 WILLOW-DM85-5021-25-1005 Datasheet
210Kb / 2P
   pcb power relay
DM85-5021-25-1006 WILLOW-DM85-5021-25-1006 Datasheet
210Kb / 2P
   pcb power relay
DM85-5021-25-1009 WILLOW-DM85-5021-25-1009 Datasheet
210Kb / 2P
   pcb power relay
DM85-5021-25-1012 WILLOW-DM85-5021-25-1012 Datasheet
210Kb / 2P
   pcb power relay
More results

同様の説明 - DM85-3021-35-5012

メーカー部品番号データシート部品情報
logo
American Electronic Com...
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
   Industrial Relays
logo
American Electronic Com...
DP6-1T AEC-DP6-1T Datasheet
49Kb / 2P
   industrial relays
logo
Willow Technologies Ltd
DM84 WILLOW-DM84 Datasheet
109Kb / 4P
   industrial relays
DM87 WILLOW-DM87 Datasheet
128Kb / 5P
   industrial relays
DP6-OC WILLOW-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
American Electronic Com...
DM85 AEC-DM85 Datasheet
108Kb / 4P
   industrial relays
DP6-1P AEC-DP6-1P Datasheet
60Kb / 2P
   industrial relays
DM84 AEC-DM84 Datasheet
109Kb / 4P
   industrial relays
DM87 AEC-DM87 Datasheet
128Kb / 5P
   industrial relays
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com