データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM41NIL-3011-35-1005 データシート(PDF) 1 Page - Willow Technologies Ltd

部品番号 DM41NIL-3011-35-1005
部品情報  pcb power relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WILLOW [Willow Technologies Ltd]
ホームページ  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DM41NIL-3011-35-1005 データシート(HTML) 1 Page - Willow Technologies Ltd

  DM41NIL-3011-35-1005 Datasheet HTML 1Page - Willow Technologies Ltd DM41NIL-3011-35-1005 Datasheet HTML 2Page - Willow Technologies Ltd DM41NIL-3011-35-1005 Datasheet HTML 3Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.durakoolrelays.com
Sales Department Tel: (888) 847-6552
DM41
pcb power relay
Contacts
Contact number & arrangement
SPST-NO (1 N/O), SPDT ( 1 C/O)
Contact material
AgCdO, AgSnO
2
Max. switching voltage
AC/DC 240VAC / 28VDC
Min. switching current / voltage
1mA/1VDC
Rated load
AC1 10A, 240VAC
DC1 10A, 28VDC
Initial resistance
100mΩ, max. at 0.1A/6VDC
Coil
Rated voltage
DC 3...48V
AC 6V...230V
Must release voltage
DC ≥ 0.1Un
AC ≥ 0.3Un
Operating range of supply voltage
See coil tables 1 and 2
Rated power consumption
DC 0.53W
AC 1.0VA
Insulation
Insulation resistance
≤ 100MΩ at 500VDC, 50%RH
Dielectric strength
coil to contact 5000Vrms, 1min
contact to contact 1000Vrms, 1min
General Data
Operating time (typical)
mS ≤ 20ms
Release time (typical)
mS ≤ 10ms
Electrical Life
ops ≥ 1 x 105
Mechanical life
ops ≥ 1 x 107
Dimensions
L x W x H 29 x 13 x 25.3mm
Weight
17g
Ambient temperature
storage -55 to 70°C
operating -55 to 70°C
Shock resistance
Functional: 10g 11mS; Destructive: 100g
Vibration resistance
DA 1.5mm 10-55Hz
• miniature pcb power relay
• Up to 10A /28VDC rating
• industry standard style
• Cost effective
• RoHS Compliant
Ref: DM41 020817JHM
E325835


同様の部品番号 - DM41NIL-3011-35-1005

メーカー部品番号データシート部品情報
logo
American Electronic Com...
DM41 AEC-DM41 Datasheet
249Kb / 3P
   pcb power relay
logo
Murata Manufacturing Co...
DM4100D MURATA-DM4100D Datasheet
393Kb / 8P
   Micro-Bussable 4쩍-Digit DPM with 3-State BCD Outputs
DM4101D MURATA-DM4101D Datasheet
3Mb / 9P
   Micro-Bussable 4-1/2 Digit Digital Panel Meter
DM4101L MURATA-DM4101L Datasheet
242Kb / 6P
   4쩍-Digit DPM with BCD Outputs
DM4101N MURATA-DM4101N Datasheet
219Kb / 5P
   4쩍 Digit Differential LED Digital Panel Meter
More results

同様の説明 - DM41NIL-3011-35-1005

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
G6D-1A OMRON-G6D-1A Datasheet
125Kb / 4P
   Power PCB Relay
logo
American Electronic Com...
DM85-INRUSH AEC-DM85-INRUSH Datasheet
210Kb / 2P
   pcb power relay
logo
Willow Technologies Ltd
DG05 WILLOW-DG05 Datasheet
172Kb / 2P
   pcb power relay
logo
American Electronic Com...
DM43 AEC-DM43 Datasheet
261Kb / 3P
   pcb power relay
DM44 AEC-DM44 Datasheet
236Kb / 2P
   pcb power relay
logo
Tyco Electronics
RT2 MACOM-RT2 Datasheet
246Kb / 3P
   Power PCB Relay
42900 MACOM-42900 Datasheet
271Kb / 3P
   Power PCB Relay
logo
Omron Electronics LLC
G8PT OMRON-G8PT Datasheet
2Mb / 8P
   Power PCB Relay
G4W OMRON-G4W Datasheet
180Kb / 6P
   PCB Power Relay
G2R OMRON-G2R Datasheet
562Kb / 14P
   Power PCB Relay
G2R-1A-DC12 OMRON-G2R-1A-DC12 Datasheet
656Kb / 12P
   Power PCB Relay
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com