データシートサーチシステム |
|
DM41L-1011-25-1048 データシート(PDF) 1 Page - Willow Technologies Ltd |
|
DM41L-1011-25-1048 データシート(HTML) 1 Page - Willow Technologies Ltd |
1 / 3 page Page 1 of 3 www.durakoolrelays.com Sales Department Tel: (888) 847-6552 DM41 pcb power relay Contacts Contact number & arrangement SPST-NO (1 N/O), SPDT ( 1 C/O) Contact material AgCdO, AgSnO 2 Max. switching voltage AC/DC 240VAC / 28VDC Min. switching current / voltage 1mA/1VDC Rated load AC1 10A, 240VAC DC1 10A, 28VDC Initial resistance 100mΩ, max. at 0.1A/6VDC Coil Rated voltage DC 3...48V AC 6V...230V Must release voltage DC ≥ 0.1Un AC ≥ 0.3Un Operating range of supply voltage See coil tables 1 and 2 Rated power consumption DC 0.53W AC 1.0VA Insulation Insulation resistance ≤ 100MΩ at 500VDC, 50%RH Dielectric strength coil to contact 5000Vrms, 1min contact to contact 1000Vrms, 1min General Data Operating time (typical) mS ≤ 20ms Release time (typical) mS ≤ 10ms Electrical Life ops ≥ 1 x 105 Mechanical life ops ≥ 1 x 107 Dimensions L x W x H 29 x 13 x 25.3mm Weight 17g Ambient temperature storage -55 to 70°C operating -55 to 70°C Shock resistance Functional: 10g 11mS; Destructive: 100g Vibration resistance DA 1.5mm 10-55Hz • miniature pcb power relay • Up to 10A /28VDC rating • industry standard style • Cost effective • RoHS Compliant Ref: DM41 020817JHM E325835 |
同様の部品番号 - DM41L-1011-25-1048 |
|
同様の説明 - DM41L-1011-25-1048 |