データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM84-2022-25-1024 データシート(PDF) 3 Page - Willow Technologies Ltd

部品番号 DM84-2022-25-1024
部品情報  industrial relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WILLOW [Willow Technologies Ltd]
ホームページ  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

DM84-2022-25-1024 データシート(HTML) 3 Page - Willow Technologies Ltd

  DM84-2022-25-1024 Datasheet HTML 1Page - Willow Technologies Ltd DM84-2022-25-1024 Datasheet HTML 2Page - Willow Technologies Ltd DM84-2022-25-1024 Datasheet HTML 3Page - Willow Technologies Ltd DM84-2022-25-1024 Datasheet HTML 4Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DM84
industrial relays
www.aecsensors.com
Sales Department Tel: (888) 847-6552
Page 3 of 4
10
0
0,6
0,8
1,0
1,2
1,4
1,6
1,8
20
30
40
50
60
70
80
90
100
DC voltage [V]
Ambient temperature
Ambient temperature
Breaking capacity [kVA]
ϕ
ϕ
Power factor
I
n
Fig. 1
Fig. 3
Fig. 2
Fig. 4
Max. DC resistive load breaking capacity
Coil operating range - DC
Electrical life at AC resistive load.
Maximum switching frequency at rated load
Electrical life reduction factor
at AC inductive load
Description of Fig. 4 and 5
A
B
1, 2, 3
1
2
3
- relations between make voltage and ambient temperature at
no load on contacts. Coil temperature and ambient temperature
are equal before coil energizing. Make voltage is not higher than
the value read on Y axis (multiplication of rated voltage).
- relations between make voltage and ambient temperature
after initial coil heating up with 1,1 U , at continues load of I on
contacts. Make voltage is not higher than the value read on Y
axis (multiplication of rated voltage).
- values on Y axis represent allowed overvoltage on coil at
certain ambient temperature and contact load:
- no load
- 50% of rated load
- rated load
nn
Coil operating range - AC 50 Hz
Fig. 5


同様の部品番号 - DM84-2022-25-1024

メーカー部品番号データシート部品情報
logo
American Electronic Com...
DM84 AEC-DM84 Datasheet
109Kb / 4P
   industrial relays
logo
TOKYO SEIMITSU CO., LTD
DM84071 ACCRETECH-DM84071 Datasheet
3Mb / 20P
   SURFCOM 쨌 CONTOURECORD Option
More results

同様の説明 - DM84-2022-25-1024

メーカー部品番号データシート部品情報
logo
American Electronic Com...
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
Allen-Bradley
700S-CF440 ALLEN-BRADLEY-700S-CF440 Datasheet
250Kb / 5P
   Industrial Relays
logo
American Electronic Com...
DP6-1T AEC-DP6-1T Datasheet
49Kb / 2P
   industrial relays
logo
Willow Technologies Ltd
DM87 WILLOW-DM87 Datasheet
128Kb / 5P
   industrial relays
DP6-OC WILLOW-DP6-OC Datasheet
50Kb / 2P
   industrial relays
logo
American Electronic Com...
DM85 AEC-DM85 Datasheet
108Kb / 4P
   industrial relays
DP6-1P AEC-DP6-1P Datasheet
60Kb / 2P
   industrial relays
DM84 AEC-DM84 Datasheet
109Kb / 4P
   industrial relays
logo
Willow Technologies Ltd
DM85 WILLOW-DM85 Datasheet
108Kb / 4P
   industrial relays
logo
American Electronic Com...
DM87 AEC-DM87 Datasheet
128Kb / 5P
   industrial relays
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com