データシートサーチシステム |
|
DM87N-2311-35-5120 データシート(PDF) 5 Page - Willow Technologies Ltd |
|
DM87N-2311-35-5120 データシート(HTML) 5 Page - Willow Technologies Ltd |
5 / 5 page M 8 7 D DM87 industrial relays see Tables 1, 2, 3 Examples of ordering codes: DM87N - 2011 - 25 - 1012 relay DM87, 3,5 mm raster, contact material AgNi, with one changeover contact, in cover IP 40, for PCB and sockets, voltage version 12 V DC Ordering codes Type Contact material Contact number & arrangement Cover protection category Connection mode Coil code Contact material 20 - AgNi 23 - AgNi/Au 5 um 30 - AgSnO2 Contact number & arrangement 11 - 1C/O 21 - 1NO Cover protection category 2 - in cover, IP 40 version 3 - in cover, IP 67 waterproof version Connection mode 5 - for PCB and sockets Type of raster Type of raster - standard version N - 3.5 mm raster L - 5.0 mm left raster P - 5.0 mm right raster Type of raster - sensitive version N - 3.5 mm raster Relays DM87N, DM87N sensitive are designed for: • direct PCB mounting • screw terminals plug-in sockets DZT92 and DZM92 with clip DZT80-0040, 35 mm DIN rail mount, EN 50022 or on panel mounting. Signalling / protecting modules type DM... are available with sockets (see page 240) • plug-in sockets for PCB mounting DC35 with clip DH16-2. Relays DM87L, DM87P are designed for: • direct PCB mounting • screw terminals plug-in sockets DZT80 and DZM80 with clip DZT80-0040, 35 mm DIN rail mount, EN 50022 or on panel mounting. Signalling / protecting modules type DM... are available with sockets • plug-in sockets for PCB mounting DW80 and DC50 with clip DH16-2. Mounting Mounting openings raster (solder side view) DM87N 1C/O DM87N sensitive 1C/O DM87L 1C/O DM87P 1C/O www.aecsensors.com Sales Department Tel: (888) 847-6552 Page 5 of 5 American Electronic Components, Inc. 1101 Lafayette Street, Elkhart, IN 46516 5 × Ø 1.3 2.5 × 2.5 55 15 5 × Ø 1.3 2.5 × 2.5 55 15 5 × Ø 1.3 2.5 × 2.5 3.5 3.5 16.5 |
同様の部品番号 - DM87N-2311-35-5120 |
|
同様の説明 - DM87N-2311-35-5120 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |