データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC327-16 データシート(PDF) 3 Page - ON Semiconductor

部品番号 BC327-16
部品情報  Amplifier Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC327-16 データシート(HTML) 3 Page - ON Semiconductor

  BC327-16 Datasheet HTML 1Page - ON Semiconductor BC327-16 Datasheet HTML 2Page - ON Semiconductor BC327-16 Datasheet HTML 3Page - ON Semiconductor BC327-16 Datasheet HTML 4Page - ON Semiconductor BC327-16 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BC327, BC327−16, BC327−25, BC327−40
http://onsemi.com
3
−1000
−10
−100
−1.0
−3.0
−10
−30
VCE, COLLECTOR−EMITTER VOLTAGE
Figure 2. Active Region − Safe Operating Area
IC, COLLECTOR CURRENT (mA)
Figure 3. DC Current Gain
−100
1000
10
−1000
−0.1
−10
−100
100
−1.0
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
1.0 ms
1.0 s
TJ = 135°C
100 ms
VCE = −1.0 V
TA = 25°C
TA = 25°C
TC = 25°C
dc
dc
(APPLIES BELOW RATED VCEO)
IB, BASE CURRENT (mA)
Figure 4. Saturation Region
IC, COLLECTOR CURRENT (mA)
Figure 5. “On” Voltages
100
10
1.0
VR, REVERSE VOLTAGE (VOLTS)
Figure 6. Temperature Coefficients
+1.0
IC, COLLECTOR CURRENT
Figure 7. Capacitances
−0.1
−1.0
−1.0
−10
−100
−1000
−2.0
−1.0
0
−1.0
−0.8
−0.6
−0.4
−0.2
0
−0.01
−0.1
−10
−100
−1.0
−1.0
−0.8
−0.6
−0.4
−0.2
0
−1.0
−10
−1000
−100
−10
−100
TJ = 25°C
IC = −10 mA
IC = −100 mA
IC = −300 mA
IC =
−500 mA
TA = 25°C
VBE(sat) @ IC/IB = 10
VBE(on) @ VCE = −1.0 V
VCE(sat) @ IC/IB = 10
qVC for VCE(sat)
qVB for VBE
Cob
Cib


同様の部品番号 - BC327-16

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BC327-16 MOTOROLA-BC327-16 Datasheet
160Kb / 4P
   Amplifier Transistors(PNP)
logo
NXP Semiconductors
BC327-16 PHILIPS-BC327-16 Datasheet
242Kb / 19P
   45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
BC327-16 PHILIPS-BC327-16 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 15
logo
Siemens Semiconductor G...
BC327-16 SIEMENS-BC327-16 Datasheet
143Kb / 6P
   PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Diotec Semiconductor
BC327-16 DIOTEC-BC327-16 Datasheet
143Kb / 2P
   Si-Epitaxial PlanarTransistors
More results

同様の説明 - BC327-16

メーカー部品番号データシート部品情報
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
   Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
BC547 ONSEMI-BC547 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
MPS4123 MOTOROLA-MPS4123 Datasheet
71Kb / 4P
   Amplifier Transistors
MPS918 MOTOROLA-MPS918 Datasheet
81Kb / 4P
   Amplifier Transistors
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
MPS650 ONSEMI-MPS650 Datasheet
103Kb / 6P
   Amplifier Transistors
May, 2005 ??Rev. 2
logo
Daya Electric Group Co....
2N5550 DAYA-2N5550 Datasheet
83Kb / 6P
   Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B_07 Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
MMBT6428LT1G ONSEMI-MMBT6428LT1G Datasheet
200Kb / 5P
   Amplifier Transistors
August, 2009 ??Rev. 5
MPS8099 ONSEMI-MPS8099_08 Datasheet
128Kb / 7P
   Amplifier Transistors
December, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com