データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADE9000ACPZ-RL データシート(PDF) 23 Page - Analog Devices

部品番号 ADE9000ACPZ-RL
部品情報  High Performance, Multiphase Energy Power Quality Monitoring IC
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADE9000ACPZ-RL データシート(HTML) 23 Page - Analog Devices

Back Button ADE9000ACPZ-RL Datasheet HTML 19Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 20Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 21Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 22Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 23Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 24Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 25Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 26Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
ADE9000
Data Sheet
Rev. A | Page 22 of 72
40
45
50
60
55
65
70
LINE FREQUENCY (Hz)
0.5
0.3
0.1
–0.1
–0.3
–0.5
Figure 48. Total Apparent Energy Error vs. Line Frequency, Gain = 4,
Integrator On
40
45
50
60
55
65
70
LINE FREQUENCY (Hz)
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
Figure 49. Fundamental Apparent Energy Error vs. Line Frequency, Gain = 4,
Integrator On
0.2
0.1
0
–0.1
–0.2
40
45
50
60
55
65
70
LINE FREQUENCY (Hz)
Figure 50. Current RMS Error vs. Line Frequency, Gain = 4, Integrator On
40
45
50
60
55
65
70
LINE FREQUENCY (Hz)
0.5
0.3
0.1
–0.1
–0.3
–0.5
Figure 51. Fundamental Current RMS Error vs. Line Frequency, Gain = 4,
Integrator On
–0.2
–0.1
0
0.1
0.2
LINE FREQUENCY (Hz)
40
45
50
55
60
65
70
Figure 52. ½ Cycle Current RMS Error, Gain = 4, Integrator On, Data Sourced
After High-Pass Filter, Register CONFIG0, Bit RMS_SRC_SEL = 0
–0.2
–0.1
0
0.1
0.2
40
45
50
55
60
65
70
LINE FREQUENCY (Hz)
Figure 53. 10 Cycle Current RMS/12 Cycle Current Error, Gain = 4,
Integrator On, Data Sourced After High-Pass Filter, Register CONFIG0,
Bit RMS_SRC_SEL = 0


同様の部品番号 - ADE9000ACPZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADE9078 AD-ADE9078 Datasheet
2Mb / 108P
   High Performance
ADE9078ACPZ AD-ADE9078ACPZ Datasheet
2Mb / 108P
   High Performance
ADE9078ACPZ-RL AD-ADE9078ACPZ-RL Datasheet
2Mb / 108P
   High Performance
More results

同様の説明 - ADE9000ACPZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADE9430 AD-ADE9430 Datasheet
1Mb / 35P
   High Performance, Polyphase Energy, and Class S Power Quality Monitoring IC
Rev. 0
logo
Microchip Technology
MCP39F511 MICROCHIP-MCP39F511 Datasheet
1Mb / 62P
   Power-Monitoring IC with Calculation and Energy Accumulation
07/14/15
logo
Silicon Laboratories
EZR32WG-490MHZ SILABS-EZR32WG-490MHZ Datasheet
3Mb / 29P
   Advanced Energy Monitoring
EZR32WG-915MHZ SILABS-EZR32WG-915MHZ Datasheet
3Mb / 29P
   Advanced Energy Monitoring
logo
List of Unclassifed Man...
WM23-96AV53H ETC2-WM23-96AV53H Datasheet
458Kb / 10P
   Energy Management Modular Power Quality Analyzer
logo
Fujitsu Component Limit...
MB3793-45PF-G-BND FUJITSU-MB3793-45PF-G-BND Datasheet
143Kb / 18P
   Power Voltage Monitoring IC
logo
Integrated Device Techn...
90E32 IDT-90E32 Datasheet
877Kb / 71P
   Poly-Phase High-Performance Wide-Span Energy Metering IC
90E21 IDT-90E21 Datasheet
793Kb / 57P
   Single-Phase High-Performance Wide-Span Energy Metering IC
90E36 IDT-90E36 Datasheet
1,005Kb / 79P
   Poly-Phase High-Performance Wide-Span Energy Metering IC
logo
List of Unclassifed Man...
WM3-96 ETC2-WM3-96 Datasheet
317Kb / 13P
   Energy Management Modular Smart Power Quality Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com