データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADE9000ACPZ-RL データシート(PDF) 27 Page - Analog Devices

部品番号 ADE9000ACPZ-RL
部品情報  High Performance, Multiphase Energy Power Quality Monitoring IC
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADE9000ACPZ-RL データシート(HTML) 27 Page - Analog Devices

Back Button ADE9000ACPZ-RL Datasheet HTML 23Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 24Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 25Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 26Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 27Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 28Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 29Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 30Page - Analog Devices ADE9000ACPZ-RL Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
ADE9000
Data Sheet
Rev. A | Page 26 of 72
THEORY OF OPERATION
MEASUREMENTS
Current Channel
The ADE9000 has three phase current channels and one neutral
current channel. The phase current channel datapath for IA, IB,
and IC is shown in Figure 56 and datapath for the neutral channel
is shown in Figure 57.
ADC_REDIRECT Multiplexer
The ADE9000 provides a multiplexer that allows any ADC
output to be redirected to any digital processing datapath
(see Figure 58).
By default, each modulator is mapped to its corresponding
datapath.
Current Channel Gain, xIGAIN
The ADE9000 provides current gain calibration registers
(AIGAIN, BIGAIN, CIGAIN and NIGAIN), one for each
current channel.
The current channel gain varies with xIGAIN as shown in the
following equation:
Current Channel Gain = (1 + (xIGAIN/227))
xIGAIN
HPF
REFERENCE
Σ-Δ
MODULATOR
IP
VIN
VIN
IM
SINC4
LPF
4:1
ZX DETECTION
xIGAINx
MTEN
PHASE
COMP
WAVEFORM
BUFFER
WF_SRC
INTEGRATOR
HPFDIS
INTEN
ZX_SRC_SEL
ICONSEL1
IB = –IA – IC
WF_CAP_SEL
xI_PCF
RESAMPLING
ADC_
REDIRECT
MUX
1REGISTER ACCMODE, BIT ICONSEL ONLY AFFECTS IB CHANNEL CALCULATION.
FUNDAMENTAL AND TOTAL
ACTIVE AND REACTIVE
POWER CALCULATIONS
CURRENT PEAK
DETECTION
FAST RMS½,
10 CYCLE RMS/
12 CYCLE RMS
RMS_SRC_SEL
FUNDAMENTAL AND TOTAL
RMS, VA, THD
CALCULATIONS
+1V
ANALOG INPUT RANGE
0V
–1V
Figure 56. Current Channel (IA, IB, IC) Datapath
HPF
REFERENCE
Σ-Δ
MODULATOR
INP
VIN
INN
SINC4
LPF
4:1
NIGAIN
PHASE
COMP
WAVEFORM
BUFFER
WF_SRC
INTEGRATOR
HPFDIS
ININTEN
WF_CAP_SEL
NI_PCF
RESAMPLING
ADC_
REDIRECT
MUX
VECTOR CURRENT SUM
CALCULATIONS
NEUTRAL CURRENT RMS
NPHCAL
FAST RMS½,
10 CYCLE RMS/
12 CYCLE RMS
RMS_SRC_SEL
V
+1V
ANALOG INPUT RANGE
0V
–1V
IN
Figure 57. Neutral Current Channel (IN) Datapath
REFERENCE
Σ-Δ
MODULATOR
VIN
SINC4
IA_DIN
IA_MOD
AI_SINC_DAT
AI_LPF_DAT
NOTES
1. Ix_MOD AND Vx_MOD ARE THE RESPECTIVE MODULATOR OUTPUT.
LPF
4:1
IA MODULATOR
IA DIGITAL DATAPATH
IA_MOD
011
IB_MOD
IC_MOD
IN_MOD
VA_MOD
VB_MOD
VC_MOD
IA_MOD
000
001
010
100
101
110
111
Figure 58. ADC_REDIRECT Modulator to Digital Datapath Multiplexing


同様の部品番号 - ADE9000ACPZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADE9078 AD-ADE9078 Datasheet
2Mb / 108P
   High Performance
ADE9078ACPZ AD-ADE9078ACPZ Datasheet
2Mb / 108P
   High Performance
ADE9078ACPZ-RL AD-ADE9078ACPZ-RL Datasheet
2Mb / 108P
   High Performance
More results

同様の説明 - ADE9000ACPZ-RL

メーカー部品番号データシート部品情報
logo
Analog Devices
ADE9430 AD-ADE9430 Datasheet
1Mb / 35P
   High Performance, Polyphase Energy, and Class S Power Quality Monitoring IC
Rev. 0
logo
Microchip Technology
MCP39F511 MICROCHIP-MCP39F511 Datasheet
1Mb / 62P
   Power-Monitoring IC with Calculation and Energy Accumulation
07/14/15
logo
Silicon Laboratories
EZR32WG-490MHZ SILABS-EZR32WG-490MHZ Datasheet
3Mb / 29P
   Advanced Energy Monitoring
EZR32WG-915MHZ SILABS-EZR32WG-915MHZ Datasheet
3Mb / 29P
   Advanced Energy Monitoring
logo
List of Unclassifed Man...
WM23-96AV53H ETC2-WM23-96AV53H Datasheet
458Kb / 10P
   Energy Management Modular Power Quality Analyzer
logo
Fujitsu Component Limit...
MB3793-45PF-G-BND FUJITSU-MB3793-45PF-G-BND Datasheet
143Kb / 18P
   Power Voltage Monitoring IC
logo
Integrated Device Techn...
90E32 IDT-90E32 Datasheet
877Kb / 71P
   Poly-Phase High-Performance Wide-Span Energy Metering IC
90E21 IDT-90E21 Datasheet
793Kb / 57P
   Single-Phase High-Performance Wide-Span Energy Metering IC
90E36 IDT-90E36 Datasheet
1,005Kb / 79P
   Poly-Phase High-Performance Wide-Span Energy Metering IC
logo
List of Unclassifed Man...
WM3-96 ETC2-WM3-96 Datasheet
317Kb / 13P
   Energy Management Modular Smart Power Quality Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com