データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD250L データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FOD250L
部品情報  HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD250L データシート(HTML) 3 Page - Fairchild Semiconductor

  FOD250L Datasheet HTML 1Page - Fairchild Semiconductor FOD250L Datasheet HTML 2Page - Fairchild Semiconductor FOD250L Datasheet HTML 3Page - Fairchild Semiconductor FOD250L Datasheet HTML 4Page - Fairchild Semiconductor FOD250L Datasheet HTML 5Page - Fairchild Semiconductor FOD250L Datasheet HTML 6Page - Fairchild Semiconductor FOD250L Datasheet HTML 7Page - Fairchild Semiconductor FOD250L Datasheet HTML 8Page - Fairchild Semiconductor FOD250L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
6/14/04
Page 3 of 13
© 2004 Fairchild Semiconductor Corporation
LVTTL/LVCMOS 3.3V
HIGH SPEED TRANSISTOR
OPTOCOUPLERS
SINGLE-CHANNEL: FOD050L
FOD250L
DUAL-CHANNEL:
FOD053L
** All Typicals at TA = 25°C
** All Typicals at TA = 25°C
ELECTRICAL CHARACTERISTICS (TA = 0 to 70°C Unless otherwise specified)
INDIVIDUAL COMPONENT CHARACTERISTICS
Parameter
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
EMITTER
(IF = 16 mA, TA =25°C)
VF
All
1.45
1.7
V
Input Forward Voltage
(IF = 16 mA)
1.8
Input Reverse Breakdown Voltage
(IR = 10 µA)
BVR
All
5.0
V
DETECTOR
Logic high output current
(IF = 0 mA, VO = VCC = 3.3 V)
(TA =25°C)
IOH
All
0.001
1
µA
Logic low supply current
(IF = 16 mA, VO = Open)
(VCC = 3.3 V)
ICCL
FOD050L
FOD250L
——
200
µA
(IF1 = IF2 = 16 mA, VO = Open)
(VCC = 3.3 V)
FOD053L
400
Logic high supply current
(IF = 0 mA, VO = Open, VCC = 3.3 V)
(TA =25°C)
ICCH
FOD050L
FOD250L
——
0.3
µA
(IF = 0 mA, VO = Open)
(VCC = 3.3 V)
FOD053L
10
TRANSFER CHARACTERISTICS (TA = 0 to 70°C Unless otherwise specified)
Parameter
Test Conditions
Symbol
Device
Min
Typ**
Max
Unit
COUPLED
Current transfer ratio
(Note 1)
(IF = 16 mA, VO = 0.4 V)
(VCC = 3.3 V, TA =25°C)
CTR
All
15
50
%
Logic low output voltage
output voltage
(IF = 16 mA, IO = 3 mA)
(VCC = 3.3 V, TA =25°C)
VOL
All
0.3
V


同様の部品番号 - FOD250L

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD250L FAIRCHILD-FOD250L Datasheet
654Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD250L FAIRCHILD-FOD250L Datasheet
366Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD250LR1 FAIRCHILD-FOD250LR1 Datasheet
366Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD250LR1V FAIRCHILD-FOD250LR1V Datasheet
366Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD250LR2 FAIRCHILD-FOD250LR2 Datasheet
366Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
More results

同様の説明 - FOD250L

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com