データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ43A データシート(PDF) 3 Page - Yangzhou yangjie electronic co., ltd

部品番号 SMAJ43A
部品情報  Surface Mount Transient Voltage Suppressor Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  YANGJIE [Yangzhou yangjie electronic co., ltd]
ホームページ  http://www.21yangjie.com/
Logo YANGJIE - Yangzhou yangjie electronic co., ltd

SMAJ43A データシート(HTML) 3 Page - Yangzhou yangjie electronic co., ltd

  SMAJ43A Datasheet HTML 1Page - Yangzhou yangjie electronic co., ltd SMAJ43A Datasheet HTML 2Page - Yangzhou yangjie electronic co., ltd SMAJ43A Datasheet HTML 3Page - Yangzhou yangjie electronic co., ltd SMAJ43A Datasheet HTML 4Page - Yangzhou yangjie electronic co., ltd SMAJ43A Datasheet HTML 5Page - Yangzhou yangjie electronic co., ltd SMAJ43A Datasheet HTML 6Page - Yangzhou yangjie electronic co., ltd SMAJ43A Datasheet HTML 7Page - Yangzhou yangjie electronic co., ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SMAJ SERIES 
 
3 / 7
Yangzhou Yangjie Electronic Technology Co., Ltd.
S-S096
Rev. 2.0, 28-Apr-14
www.21yangjie.com
■Electrical Characteristics(Ta=25℃ Unless otherwise specified)
Part
Number(Uni)
Part
Number(Bi)
Breakdown Voltage VBR@IT
Maximum
Reverse
Leakage IR@
VWM
(6) (μA)
Working Peak
Reverse
Voltage
VRWM (V)
Maximum
Reverse Surge
Current IPP
(5)
(A)
Min(V)
Maximum
Clamping
Voltage Vc
@ IPP
(V)
Max (V)
Min(V)
Max (V)
IT
(4)(mA)
SMAJ16
SMAJ16C
17.8
21.8
1.0
5.0
16.0
13.9
28.8
SMAJ16A
SMAJ16CA
17.8
19.7
1.0
5.0
16.0
15.4
26.0
SMAJ17
SMAJ17C
18.9
23.1
1.0
5.0
17.0
13.1
30.5
SMAJ17A
SMAJ17CA
18.9
20.9
1.0
5.0
17.0
14.5
27.6
SMAJ18
SMAJ18C
20.0
24.4
1.0
5.0
18.0
12.4
32.2
SMAJ18A
SMAJ18CA
20.0
22.1
1.0
5.0
18.0
13.7
29.2
SMAJ19
SMAJ19C
21.1
25.7
1.0
5.0
19.0
11.7
30.8
SMAJ19A
SMAJ19CA
21.1
23.3
1.0
5.0
19.0
13.0
30.8
SMAJ20
SMAJ20C
22.2
27.1
1.0
5.0
20.0
11.1
35.8
SMAJ20A
SMAJ20CA
22.2
24.5
1.0
5.0
20.0
12.3
32.4
SMAJ22
SMAJ22C
24.4
29.8
1.0
5.0
22.0
10.1
39.4
SMAJ22A
SMAJ22CA
24.4
26.9
1.0
5.0
22.0
11.3
35.5
SMAJ24
SMAJ24C
26.7
32.6
1.0
5.0
24.0
9.3
43.0
SMAJ24A
SMAJ24CA
26.7
29.5
1.0
5.0
24.0
10.3
38.9
SMAJ26
SMAJ26C
28.9
35.3
1.0
5.0
26.0
8.6
46.6
SMAJ26A
SMAJ26CA
28.9
31.9
1.0
5.0
26.0
9.5
42.1
SMAJ28
SMAJ28C
31.1
38.0
1.0
5.0
28.0
8.0
50.0
SMAJ28A
SMAJ28CA
31.1
34.4
1.0
5.0
28.0
8.8
45.4
SMAJ30
SMAJ30C
33.3
40.7
1.0
5.0
30.0
7.5
53.5
SMAJ30A
SMAJ30CA
33.3
36.8
1.0
5.0
30.0
8.3
48.4
SMAJ33
SMAJ33C
36.7
44.9
1.0
5.0
33.0
6.8
59.0
SMAJ33A
SMAJ33CA
36.7
40.6
1.0
5.0
33.0
7.5
53.3
SMAJ36
SMAJ36C
40.0
48.9
1.0
5.0
36.0
6.2
64.3
SMAJ36A
SMAJ36CA
40.0
44.2
1.0
5.0
36.0
6.9
58.1
SMAJ40
SMAJ40C
44.4
54.3
1.0
5.0
40.0
5.6
71.4
SMAJ40A
SMAJ40CA
44.4
49.1
1.0
5.0
40.0
6.2
64.5
SMAJ43
SMAJ43C
47.8
58.4
1.0
5.0
43.0
5.2
76.7
SMAJ43A
SMAJ43CA
47.8
52.8
1.0
5.0
43.0
5.8
69.4
SMAJ45
SMAJ45C
50.0
61.1
1.0
5.0
45.0
5.0
80.3
SMAJ45A
SMAJ45CA
50.0
55.3
1.0
5.0
45.0
5.5
72.7
SMAJ48
SMAJ48C
53.3
65.1
1.0
5.0
48.0
4.6
85.5
SMAJ48A
SMAJ48CA
53.3
58.9
1.0
5.0
48.0
5.2
77.4
SMAJ51
SMAJ51C
56.7
69.3
1.0
5.0
51.0
4.4
91.1
SMAJ51A
SMAJ51CA
56.7
62.7
1.0
5.0
51.0
4.9
82.4
SMAJ54
SMAJ54C
60.0
73.3
1.0
5.0
54.0
4.1
96.3
SMAJ54A
SMAJ54CA
60.0
66.3
1.0
5.0
54.0
4.6
87.1
SMAJ58
SMAJ58C
64.4
78.7
1.0
5.0
58.0
3.9
103.0
SMAJ58A
SMAJ58CA
64.4
71.2
1.0
5.0
58.0
4.3
93.6
SMAJ60
SMAJ60C
66.7
81.5
1.0
5.0
60.0
3.7
107.0
SMAJ60A
SMAJ60CA
66.7
73.7
1.0
5.0
60.0
4.1
96.8


同様の部品番号 - SMAJ43A

メーカー部品番号データシート部品情報
logo
Littelfuse
SMAJ43A LITTELFUSE-SMAJ43A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Guangdong Youtai Semico...
SMAJ43A UMW-SMAJ43A Datasheet
783Kb / 4P
   5.0V-188V 400W
logo
Shenzhen Luguang Electr...
SMAJ43A LUGUANG-SMAJ43A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Jinan Gude Electronic D...
SMAJ43A JGD-SMAJ43A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMAJ43A VISHAY-SMAJ43A Datasheet
100Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
More results

同様の説明 - SMAJ43A

メーカー部品番号データシート部品情報
logo
Yangzhou yangjie electr...
1.5SMC12AQ YANGJIE-1.5SMC12AQ Datasheet
245Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
SMDJ RFE-SMDJ Datasheet
2Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
28-APR-2023
logo
SUNMATE electronic Co.,...
CD214B-T5.0A SUNMATE-CD214B-T5.0A Datasheet
510Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Yangzhou yangjie electr...
P4SMA12AQ YANGJIE-P4SMA12AQ Datasheet
233Kb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
SMCJ10AQ YANGJIE-SMCJ10AQ Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressor Diodes
logo
RFE international
5.0SMDJ RFE-5.0SMDJ Datasheet
1Mb / 5P
   Surface Mount Transient Voltage Suppressor Diodes
16-02-2022
logo
SUNMATE electronic Co.,...
5.0SMDJ5.0A SUNMATE-5.0SMDJ5.0A Datasheet
839Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
CD214A-T5.0A SUNMATE-CD214A-T5.0A Datasheet
518Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
CD214C-T5.0A SUNMATE-CD214C-T5.0A Datasheet
520Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
TPSMA6.8A SUNMATE-TPSMA6.8A Datasheet
541Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODES
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com