データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

G081PU1600M データシート(PDF) 9 Page - Roithner LaserTechnik GmbH

部品番号 G081PU1600M
部品情報  Laser Diode Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROITHNER [Roithner LaserTechnik GmbH]
ホームページ  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

G081PU1600M データシート(HTML) 9 Page - Roithner LaserTechnik GmbH

Back Button G081PU1600M_12 Datasheet HTML 2Page - Roithner LaserTechnik GmbH G081PU1600M_12 Datasheet HTML 3Page - Roithner LaserTechnik GmbH G081PU1600M_12 Datasheet HTML 4Page - Roithner LaserTechnik GmbH G081PU1600M_12 Datasheet HTML 5Page - Roithner LaserTechnik GmbH G081PU1600M_12 Datasheet HTML 6Page - Roithner LaserTechnik GmbH G081PU1600M_12 Datasheet HTML 7Page - Roithner LaserTechnik GmbH G081PU1600M_12 Datasheet HTML 8Page - Roithner LaserTechnik GmbH G081PU1600M_12 Datasheet HTML 9Page - Roithner LaserTechnik GmbH G081PU1600M_12 Datasheet HTML 10Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
02.04.2012
Manual G081PU Series
9 of 10
b)
 When laser is working, please don’t point it straight to the fiber as shown below the
yellow part, in order to prevent the fiber protection case from being damaged by high-
power laser generated heat.
 Bending diameter of the fiber cannot be allowed to be less than 4cm. When bending
the fiber, please make sure the starting point is away larger than 4cm from the fiber
root. When moving the laser, please don`t directly use fiber (yellow part). Not obeying
these rules may cause fracture of the laser fiber from the root.
 Make sure that the module and the fiber are in the same plane.
Short-circuit
bridge
Bending diameter D:
D≥4cm
Fiber root
Fiber protection case


同様の部品番号 - G081PU1600M_12

メーカー部品番号データシート部品情報
logo
Roithner LaserTechnik G...
G081PU1600M ROITHNER-G081PU1600M Datasheet
225Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
More results

同様の説明 - G081PU1600M_12

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
HLDPM12-655 ETC1-HLDPM12-655 Datasheet
379Kb / 1P
   Laser Diode Module
logo
Roithner LaserTechnik G...
G098PU1600M ROITHNER-G098PU1600M_12 Datasheet
832Kb / 10P
   Laser Diode Module
VLM650-03-LPA ROITHNER-VLM650-03-LPA Datasheet
106Kb / 2P
   Red diode laser module
VLM650-11-LPT ROITHNER-VLM650-11-LPT Datasheet
106Kb / 2P
   Red diode laser module
APCD-650-06-C2 ROITHNER-APCD-650-06-C2 Datasheet
133Kb / 2P
   Red diode laser module
APCD-780-06-C3 ROITHNER-APCD-780-06-C3 Datasheet
133Kb / 2P
   IR diode laser module
APCD-850-01-C3 ROITHNER-APCD-850-01-C3 Datasheet
125Kb / 2P
   Infrared diode laser module
APCD-850-06-C2 ROITHNER-APCD-850-06-C2 Datasheet
133Kb / 2P
   IR diode laser module
APCD-850-06-C3 ROITHNER-APCD-850-06-C3 Datasheet
133Kb / 2P
   IR diode laser module
C2021-E1 ROITHNER-C2021-E1 Datasheet
341Kb / 2P
   infrared diode laser module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com