データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

G081PU315W データシート(PDF) 7 Page - Roithner LaserTechnik GmbH

部品番号 G081PU315W
部品情報  Laser Diode Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROITHNER [Roithner LaserTechnik GmbH]
ホームページ  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

G081PU315W データシート(HTML) 7 Page - Roithner LaserTechnik GmbH

Back Button G081PU315W Datasheet HTML 2Page - Roithner LaserTechnik GmbH G081PU315W Datasheet HTML 3Page - Roithner LaserTechnik GmbH G081PU315W Datasheet HTML 4Page - Roithner LaserTechnik GmbH G081PU315W Datasheet HTML 5Page - Roithner LaserTechnik GmbH G081PU315W Datasheet HTML 6Page - Roithner LaserTechnik GmbH G081PU315W Datasheet HTML 7Page - Roithner LaserTechnik GmbH G081PU315W Datasheet HTML 8Page - Roithner LaserTechnik GmbH G081PU315W Datasheet HTML 9Page - Roithner LaserTechnik GmbH G081PU315W Datasheet HTML 10Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
02.04.2012
Manual G081PU Series
7 of 10
3 Laser safety operating instructions
Laser usage requirements in environment
 A ultra-clean environment should be provided for operating the LD. The operating
temperature should be controlled at –10 °C … 45 °C.
 Laser safety warning signs should be posted in the working place.
The requirements on the power supply driving the LD
 Constant-current should be available for power supply. The power supply should have
the ability to avoid current or voltage surge at any condition (during start-up,
intermittence or open circuit). The surge would result in instant increase of optical
power, which can cause COMD (catastrophic optical mirror damage).
 High power Laser Diodes could operate in forward voltage. The reverse current and
voltage should not be higher than 25 µA and 3 V, respectively.
Laser operating requirements
 Please check the laser safeguard before used the LD. More information about the laser
safe is mentioned in “laser safe” section of this manual.
 The semiconductor Laser Diode is a sensitive electronic device. Do not ship or store
near strong electrostatic, electromagnetic, magnetic or radioactive fields. Please
observe precaution for handling electrostatic sensitive devices, such as wearing anti-
static wrist straps, use anti-static packaging material and tools when operation.
 Shut off the power supplier before connecting the LD with the power supplier. To shut
off the LD please decrease the current to zero gradually then shut off the power supply.


同様の部品番号 - G081PU315W

メーカー部品番号データシート部品情報
logo
Roithner LaserTechnik G...
G081PU312W ROITHNER-G081PU312W Datasheet
209Kb / 4P
   TECHNICAL DATA
G081PU314W ROITHNER-G081PU314W Datasheet
209Kb / 4P
   High Power Fiber Coupled Infrared Laser Diode
More results

同様の説明 - G081PU315W

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
HLDPM12-655 ETC1-HLDPM12-655 Datasheet
379Kb / 1P
   Laser Diode Module
logo
Roithner LaserTechnik G...
G098PU1600M ROITHNER-G098PU1600M_12 Datasheet
832Kb / 10P
   Laser Diode Module
VLM650-03-LPA ROITHNER-VLM650-03-LPA Datasheet
106Kb / 2P
   Red diode laser module
VLM650-11-LPT ROITHNER-VLM650-11-LPT Datasheet
106Kb / 2P
   Red diode laser module
APCD-650-06-C2 ROITHNER-APCD-650-06-C2 Datasheet
133Kb / 2P
   Red diode laser module
APCD-780-06-C3 ROITHNER-APCD-780-06-C3 Datasheet
133Kb / 2P
   IR diode laser module
APCD-850-01-C3 ROITHNER-APCD-850-01-C3 Datasheet
125Kb / 2P
   Infrared diode laser module
APCD-850-06-C2 ROITHNER-APCD-850-06-C2 Datasheet
133Kb / 2P
   IR diode laser module
APCD-850-06-C3 ROITHNER-APCD-850-06-C3 Datasheet
133Kb / 2P
   IR diode laser module
C2021-E1 ROITHNER-C2021-E1 Datasheet
341Kb / 2P
   infrared diode laser module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com