データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD8314V データシート(PDF) 8 Page - ON Semiconductor

部品番号 FOD8314V
部品情報  1.0 A Output Current, Gate Drive Optocoupler
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FOD8314V データシート(HTML) 8 Page - ON Semiconductor

Back Button FOD8314V Datasheet HTML 4Page - ON Semiconductor FOD8314V Datasheet HTML 5Page - ON Semiconductor FOD8314V Datasheet HTML 6Page - ON Semiconductor FOD8314V Datasheet HTML 7Page - ON Semiconductor FOD8314V Datasheet HTML 8Page - ON Semiconductor FOD8314V Datasheet HTML 9Page - ON Semiconductor FOD8314V Datasheet HTML 10Page - ON Semiconductor FOD8314V Datasheet HTML 11Page - ON Semiconductor FOD8314V Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
©2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8314, FOD8314T Rev. 1.1
7
Typical Performance Characteristics
Figure 4. Output High Voltage Drop vs.
Output High Current
Figure 5. Output High Voltage Drop vs.
Ambient Temperature
Figure 6. Output High Current vs.
Ambient Temperature
Figure 7. Output Low Voltage vs.
Output Low Current
Figure 8. Output Low Voltage vs.
Ambient Temperature
Figure 9. Output Low Current vs.
Ambient Temperature
0.0
0.2
0.4
0.6
0.8
1.0
-2.0
-1.5
-1.0
-0.5
0.0
V
DD
- V
SS
= 15 V to 30 V
I
F
= 10 mA
f = 200 Hz 0.2% Duty Cycle
100
oC
25
oC
T
A
= -40
oC
I
OH
- OUTPUT HIGH CURRENT (A)
-40
-20
0
20406080
100
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
V
DD
- V
SS
= 15 V to 30 V
I
F
= 10 mA
I
O
= -100 mA
T
A
- AMBIENT TEMPERATURE (
oC)
-40
-20
0
20406080
100
0
2
4
6
8
V
OH
= V
DD
- 0.75 V
V
DD
- V
SS
= 15 V to 30 V
I
F
= 10 mA
f = 200 Hz 0.2% Duty Cycle
V
OH
= V
DD
- 4 V
T
A
- AMBIENT TEMPERATURE (
oC)
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
-40
oC
25
oC
V
DD
- V
SS
= 15 V to 30 V
I
F
= 0 A
f = 200 Hz 99.8 % Duty Cycle
I
OL
- OUTPUT LOW CURRENT (A)
T
A
= 100
oC
-40
-20
0
20406080
100
0.00
0.05
0.10
0.15
0.20
0.25
V
DD
- V
SS
= 15 V to 30 V
I
F
= 0 A
I
O
= 100 mA
T
A
- AMBIENT TEMPERATURE (
oC)
-40
-20
0
20406080
100
0
2
4
6
8
V
OL
= V
SS
+ 0.75 V
V
DD
- V
SS
= 15 V to 30 V
I
F
= 0 A
f = 200 Hz 99.8% Duty Cycle
V
OL
= V
SS
+ 4 V
T
A
- AMBIENT TEMPERATURE (
oC)


同様の部品番号 - FOD8314V

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FOD8316 FAIRCHILD-FOD8316 Datasheet
2Mb / 29P
   2.5A Output Current, IGBT Drive Optocoupler
logo
ON Semiconductor
FOD8316 ONSEMI-FOD8316 Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
FOD8316 ONSEMI-FOD8316 Datasheet
463Kb / 28P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
February, 2023 - Rev. 3
logo
Fairchild Semiconductor
FOD8316R2 FAIRCHILD-FOD8316R2 Datasheet
2Mb / 29P
   2.5A Output Current, IGBT Drive Optocoupler
logo
ON Semiconductor
FOD8316R2 ONSEMI-FOD8316R2 Datasheet
450Kb / 29P
   2.5 A Output Current, IGBT Drive Optocoupler with Desaturation Detection and Isolated Fault Sensing
October 2017 Rev. 2
More results

同様の説明 - FOD8314V

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FOD3150 ONSEMI-FOD3150 Datasheet
437Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
May, 2020 ??Rev. 4
FOD3150 ONSEMI-FOD3150_V01 Datasheet
504Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
January, 2021 - Rev. 5
logo
List of Unclassifed Man...
HCPL-3020 ETC1-HCPL-3020 Datasheet
73Kb / 1P
   0.2 A Output Current Gate Drive Optocoupler
logo
ON Semiconductor
FOD8342 ONSEMI-FOD8342 Datasheet
444Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler
March 2016 Rev. 1.1
FOD8343 ONSEMI-FOD8343 Datasheet
704Kb / 20P
   4.0 A Output Current, High Speed Gate Drive Optocoupler
May 2017 Rev. 1.0
FOD3125 ONSEMI-FOD3125 Datasheet
301Kb / 18P
   High Temperature, 2.5 A Output Current, Gate Drive Optocoupler
March, 2020 ??Rev. 2
logo
Agilent(Hewlett-Packard...
HCPL-T251 HP-HCPL-T251 Datasheet
177Kb / 6P
   0.4AMP OUTPUT CURRENT IGBT GATE DRIVE OPTOCOUPLER
logo
ON Semiconductor
FOD3120 ONSEMI-FOD3120 Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com