データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FOD8342TR2 データシート(PDF) 5 Page - ON Semiconductor

部品番号 FOD8342TR2
部品情報  3.0 A Output Current, High Speed Gate Drive Optocoupler
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FOD8342TR2 データシート(HTML) 5 Page - ON Semiconductor

  FOD8342TR2 Datasheet HTML 1Page - ON Semiconductor FOD8342TR2 Datasheet HTML 2Page - ON Semiconductor FOD8342TR2 Datasheet HTML 3Page - ON Semiconductor FOD8342TR2 Datasheet HTML 4Page - ON Semiconductor FOD8342TR2 Datasheet HTML 5Page - ON Semiconductor FOD8342TR2 Datasheet HTML 6Page - ON Semiconductor FOD8342TR2 Datasheet HTML 7Page - ON Semiconductor FOD8342TR2 Datasheet HTML 8Page - ON Semiconductor FOD8342TR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
©2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8342, FOD8342T Rev. 1.1
4
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified.)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Notes:
1. Maximum pulse width = 10
s, maximum duty cycle = 0.2%.
2. No derating required across operating temperature range.
3. Derate linearly from 25°C at a rate of 5.2 mW/°C.
4. Functional operation under these conditions is not implied. Permanent damage may occur if the device is subjected
to conditions outside these ratings.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Value
Unit
TSTG
Storage Temperature
-40 to +125
°C
TOPR
Operating Temperature
-40 to +100
°C
TJ
Junction Temperature
-40 to +125
°C
TSOL
Lead Solder Temperature
(Refer to Reflow Temperature Profile)
260 for 10 sec
°C
IF(AVG)
Average Input Current
25
mA
VR
Reverse Input Voltage
5.0
V
IO(PEAK)
Peak Output Current(1)
3A
VDD
Supply Voltage
-0.5 to 35
V
VO(PEAK)
Peak Output Voltage
0 to VDD
V
tR(IN), tF(IN)
Input Signal Rise and Fall Time
250
ns
PDI
Input Power Dissipation(2)(4)
45
mW
PDO
Output Power Dissipation(3)(4)
500
mW
Symbol
Parameter
Min.
Max.
Unit
TA
Ambient Operating Temperature
-40
+100
°C
VDD – VSS
Supply Voltage
10
30
V
IF(ON)
Input Current (ON)
10
16
mA
VF(OFF)
Input Voltage (OFF)
-3.0
0.8
V


同様の部品番号 - FOD8342TR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FOD8342TR2 ONSEMI-FOD8342TR2 Datasheet
361Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 4
FOD8342TR2V ONSEMI-FOD8342TR2V Datasheet
361Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 4
More results

同様の説明 - FOD8342TR2

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FOD8343 ONSEMI-FOD8343 Datasheet
704Kb / 20P
   4.0 A Output Current, High Speed Gate Drive Optocoupler
May 2017 Rev. 1.0
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W341-000E AVAGO-ACPL-W341-000E Datasheet
276Kb / 19P
   3.0 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3180-000E AVAGO-HCPL-3180-000E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
logo
ON Semiconductor
FOD8342 ONSEMI-FOD8342_V01 Datasheet
361Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler in Stretched Body SOP 6-Pin
November, 2022 - Rev. 4
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3180-360 AVAGO-HCPL-3180-360 Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
HCPL-3180-500E AVAGO-HCPL-3180-500E Datasheet
259Kb / 16P
   2.5 Amp Output Current, High Speed, Gate Drive Optocoupler
logo
List of Unclassifed Man...
HCPL-3020 ETC1-HCPL-3020 Datasheet
73Kb / 1P
   0.2 A Output Current Gate Drive Optocoupler
logo
ON Semiconductor
FOD8314 ONSEMI-FOD8314 Datasheet
434Kb / 20P
   1.0 A Output Current, Gate Drive Optocoupler
March 2016 Rev. 1.1
FOD3125 ONSEMI-FOD3125 Datasheet
301Kb / 18P
   High Temperature, 2.5 A Output Current, Gate Drive Optocoupler
March, 2020 ??Rev. 2
FOD3120 ONSEMI-FOD3120 Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com