データシートサーチシステム |
|
LB15CKG01-12FJ データシート(PDF) 11 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
LB15CKG01-12FJ データシート(HTML) 11 Page - Nihon Kaiheiki Industry Co. Ltd. |
11 / 20 page Series LB Standard Size Snap-in Pushbuttons D58 D www.nkkswitches.com Opens 180° Closes automatically Materials: Cover: Clear Polycarbonate Base: Black GFR Polyamide Coil Spring: Stainless Steel Recommended Panel Thickness: .039” ~ .106” (1.0mm ~ 2.7mm) OPTIONAL ACCESSORIES Protective Guard AT4057 Rectangular Protective Guard Opens 90° Closes manually Spring Loaded Protective Guard AT4172 Rectangular Protective Guard (26.6) 1.047 (N) (16.2) .638 (39.0) Min* 1.535 (N) = Number of switches AT4172 (10.5) .413 (20.5) .807 (22.4) .882 (26.6) 1.047 * Minimum dimension allows opening of cover to 180° (24.1) .949 (20.4) .803 (17.9) .705 (7.1) .280 180° (7.5) .295 Cap Height When Assembled (24.6) .969 (26.6) 1.047 (10.5) .413 (20.5) .807 (21.0) Dia .827 Cap Height When Assembled (7.3) .287 (2.5) .098 (21.8) Dia .858 (30.0) Dia 1.181 (24.0) Sq .945 (16.5) .650 (16.5) .650 (24.0) .945 (22.7) .894 (30.2) 1.189 Materials: PVC with polyethylene gasket; PVC loses pliability below 0°C (32°F). Dust Covers reduce depth of switch behind panel by .020” (0.5mm). AT4002 Round AT4001 Square AT4011 Rectangular Dust Covers Material: Polyamide Protective Guards reduce depth of switch behind panel by .020” (0.5mm). (26.0) 1.024 (10.0) .394 (24.15) .951 (21.0) .827 (14.0) .551 (8.0) .315 Cap Height When Assembled (15.0) Sq .591 (2.5) .098 (7.3) .287 Cap Height When Assembled |
同様の部品番号 - LB15CKG01-12FJ |
|
同様の説明 - LB15CKG01-12FJ |