データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN105A データシート(PDF) 2 Page - ON Semiconductor

部品番号 FAN105A
部品情報  Offline Primary-Side-Regulation Quasi-Resonant Valley Switch Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN105A データシート(HTML) 2 Page - ON Semiconductor

  FAN105A Datasheet HTML 1Page - ON Semiconductor FAN105A Datasheet HTML 2Page - ON Semiconductor FAN105A Datasheet HTML 3Page - ON Semiconductor FAN105A Datasheet HTML 4Page - ON Semiconductor FAN105A Datasheet HTML 5Page - ON Semiconductor FAN105A Datasheet HTML 6Page - ON Semiconductor FAN105A Datasheet HTML 7Page - ON Semiconductor FAN105A Datasheet HTML 8Page - ON Semiconductor FAN105A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
© Semiconductor Components Industries, LLC, 2017
1
Publication Order Number:
May 2017- Rev. 1.0
FAN105AM6X
FAN105AM6X
Offline Primary-Side-Regulation
(PSR) Quasi-Resonant Valley
Switch Controller
FAN105A is offline Primary-Side-Regulation (PSR) PWM controller with
Quasi-Resonant (QR) mode controller to achieved constant-voltage (CV)
and constant-current (CC) control for Travel Adaptor (TA) requirement,
and provide cost-effective, simplified circuit for energy-efficient power
supplies.
FAN105A integrates proprietary operation of energy saving feature at no
load, mWSaver Technology that combines our most energy efficient
process and circuit technologies for power adapter design.
FAN105A can be used in Travel Adapter design by stand-alone or co-work
with secondary-side SR controller FAN6240. When paired FAN105A with
FAN6240, SR is compatible to achieve higher power applications.
Features
mWSaver® Technology Provides Ultra-Low Standby
Power Consumption for Energy Star’s 5-Star Level
(<30 mW with HV FET)
Constant-Current (CC) and Constant-Voltage(CV) with
Primary-Side Regulation Eliminates Secondary-Side
Feedback Component
Valley Switch Operation for Highest Average Efficiency
Programmable Cable Drop Compensation(CDC) with One
External Resistor
Low EMI Emissions and Common Mode Noise
Cycle-by-Cycle Current Limiting
Output Short-Circuit Protection
Scondary side Rectifier Short Detection via Current Sense
Protection(CSP)
Integrated Constant Current Compensation for Precise CC
Regulation
Output Over-Voltage Protection (VSOVP)
Output under-Voltage Protection (VSUVP)
VDD Over-Voltage Protection (VDD OVP)
Internal Thermal-Shutdown Protection (OTP)
Programmable Brown-In and Brown-Out Protection
Typical Applications
Travel Adapter for Smart Phones, Feature Phones, and Tablet
PCs
AC-DC Adapters for Portable Devices that Require CV/CC
Control
www.onsemi.com
MARKING DIAGRAM
PXXEX
- - -
-
PIN CONNECTIONS
CS
GND
GATE
AUX
VS
VDD
ORDERING INFORMATION
Part Number
Operating
Temperature
Range
Package
Packing
Method
FAN105AM6X
-40 ºC ~125ºC
6-Lead,
SOT23
Tap & Reel
For information on tape and reel specifications,
including part orientation and tape sizes,
please refer to our Tape and Reel Packaging
Specifications
Brochure,
BRD8011/D.
··· = Year Code
PXX = 5A0 : FAN105AM6X
= 5B0 : FAN105BM6X
E X = Die Run Code
- - - = Week Code


同様の部品番号 - FAN105A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN105B ONSEMI-FAN105B Datasheet
659Kb / 19P
   PSR Quasi-Resonant Valley Switch Controller
May 2017- Rev. 1.0
FAN105BM6X ONSEMI-FAN105BM6X Datasheet
659Kb / 19P
   PSR Quasi-Resonant Valley Switch Controller
May 2017- Rev. 1.0
More results

同様の説明 - FAN105A

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
   Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
FAN105B ONSEMI-FAN105B Datasheet
659Kb / 19P
   PSR Quasi-Resonant Valley Switch Controller
May 2017- Rev. 1.0
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30080 ONSEMI-NCL30080_15 Datasheet
210Kb / 25P
   Quasi-Resonant Primary Side Current-Mode Controller
January, 2015 ??Rev. 3
FAN6080HMX ONSEMI-FAN6080HMX Datasheet
337Kb / 15P
   Offline Quasi-Resonant PWM Controller
August, 2020 ??Rev. 0
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
FAN604P ONSEMI-FAN604P Datasheet
322Kb / 20P
   Offline Quasi-Resonant PWM Controller
June, 2019 ??Rev. P0
logo
Renesas Technology Corp
IW9809 RENESAS-IW9809 Datasheet
513Kb / 7P
   RapidChargeTM AC/DC Primary-Side Digital Quasi-Resonant Flyback Controller for Secondary-Side Regulation
23-Feb-2022
logo
ON Semiconductor
NCP1370 ONSEMI-NCP1370 Datasheet
260Kb / 19P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. P1
logo
Fairchild Semiconductor
FL7732 FAIRCHILD-FL7732 Datasheet
1Mb / 13P
   Single-Stage PFC Primary-Side-Regulation Offline
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com