データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN604H データシート(PDF) 2 Page - ON Semiconductor

部品番号 FAN604H
部品情報  Motion SPM 5 Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN604H データシート(HTML) 2 Page - ON Semiconductor

  FAN604H Datasheet HTML 1Page - ON Semiconductor FAN604H Datasheet HTML 2Page - ON Semiconductor FAN604H Datasheet HTML 3Page - ON Semiconductor FAN604H Datasheet HTML 4Page - ON Semiconductor FAN604H Datasheet HTML 5Page - ON Semiconductor FAN604H Datasheet HTML 6Page - ON Semiconductor FAN604H Datasheet HTML 7Page - ON Semiconductor FAN604H Datasheet HTML 8Page - ON Semiconductor FAN604H Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Semiconductor Components Industries, LLC, 2017
www.fairchildsemi.com
FSB50450B / FSB50450BS . Rev. 1.2
www.onsemi.com
1
February 2017
FSB50450B / FSB50450BS
Motion SPM® 5 Series
Features
• UL Certified No. E209204 (UL1557)
• Optimized for over 10 kHz Switching Frequency
• 500 V FRFET MOSFET 3-Phase Inverter with Gate
Drivers and Protection
• Built-In Bootstrap Diodes Simplify PCB Layout
• Separate Open-Source Pins from Low-Side MOSFETs
for Three-Phase Current-Sensing
• Active-HIGH Interface, Works with 3.3 / 5 V Logic,
Schmitt-trigger Input
• Optimized for Low Electromagnetic Interference
• HVIC Temperature-Sensing Built-In for Temperature
Monitoring
• HVIC for Gate Driving and Under-Voltage Protection
• Isolation Rating: 1500 Vrms / min.
• RoHS Complia
• Moisture Sensitive Level (MSL) 3 for SMD PKG
Applications
• 3-Phase Inverter Driver for Small Power AC Motor
Drives
Related Source
• RD-FSB50450AS - Reference Design for Motion SPM
5 Series Ver.2
• AN-9082 - Motion SPM5 Series Thermal Performance
by Contact Pressure
General Description
The FSB50450B / FSB50450BS is an advanced Motion
SPM® 5 module providing a fully-featured, high-
performance inverter output stage for AC Induction,
BLDC
and
PMSM
motors.
These
modules
integrate optimized gate drive of the built-in MOSFETs
(FRFET® technology) to minimize EMI and losses, while
also providing multiple on-module protection features
including under-voltage lockouts and thermal monitoring.
The built-in high-speed HVIC requires only a single
supply voltage and translates the incoming logic-level
gate inputs to the high-voltage, high-current drive signals
required to properly drive the module's internal
MOSFETs. Separate open-source MOSFET terminals
are available for each phase to support the widest
variety of control algorithms.
Figure 1. 3D Package Drawing
(Click to Activate 3D Content)
Package Marking & Ordering Information
< FSB50450B >
<FSB50450BS >
Device
Device Marking
Package
Packing Type
Reel Size
Quantity
FSB50450B
FSB50450B
SPM5P-023
Rail
NA
15
FSB50450BS
FSB50450BS
SPM5Q-023
Tape & Reel
330mm
450


同様の部品番号 - FAN604H

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN604 ONSEMI-FAN604 Datasheet
1Mb / 23P
    Quasi-Resonant PWM Controller
March 2017- Rev. P0
FAN604MX ONSEMI-FAN604MX Datasheet
1Mb / 23P
    Quasi-Resonant PWM Controller
March 2017- Rev. P0
FAN604P ONSEMI-FAN604P Datasheet
322Kb / 20P
   Offline Quasi-Resonant PWM Controller
June, 2019 ??Rev. P0
FAN604PMX ONSEMI-FAN604PMX Datasheet
322Kb / 20P
   Offline Quasi-Resonant PWM Controller
June, 2019 ??Rev. P0
More results

同様の説明 - FAN604H

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FSB50250A ONSEMI-FSB50250A Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50325A ONSEMI-FSB50325A Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
FSB50250AT ONSEMI-FSB50250AT Datasheet
765Kb / 13P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50450A ONSEMI-FSB50450A Datasheet
882Kb / 14P
   Motion SPM 5 Series
July 2016 Rev. 1.7
NFA50460R4B ONSEMI-NFA50460R4B Datasheet
968Kb / 13P
   Motion SPM 5 Series
December, 2020 ??Rev. 0
FSB50650B ONSEMI-FSB50650B Datasheet
558Kb / 11P
   Motion SPM 5 Series
March, 2019 ??Rev. 2
FSB50250AS ONSEMI-FSB50250AS Datasheet
718Kb / 12P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50825AS ONSEMI-FSB50825AS Datasheet
454Kb / 11P
   Motion SPM 5 Series
April 2015 Rev. 1.6
FSB50550AS ONSEMI-FSB50550AS Datasheet
718Kb / 12P
   Motion SPM 5 Series
January 2014 Rev. C4
FSB50825A ONSEMI-FSB50825A Datasheet
508Kb / 13P
   Motion SPM 5 Series
October 2016 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com