データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB16CKW01-5DJB データシート(PDF) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

部品番号 LB16CKW01-5DJB
部品情報  General Specifications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NKK [Nihon Kaiheiki Industry Co. Ltd.]
ホームページ  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB16CKW01-5DJB データシート(HTML) 10 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button LB16CKW01-5DJB Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKW01-5DJB Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKW01-5DJB Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKW01-5DJB Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKW01-5DJB Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKW01-5DJB Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKW01-5DJB Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKW01-5DJB Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd. LB16CKW01-5DJB Datasheet HTML 14Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Series LB
Standard Size Snap-in Pushbuttons
D57
D
www.nkkswitches.com
OPTIONAL ACCESSORIES
Barriers
Protective Guard
AT497
End
Material: Polyamide
Material: Polyamide
Protective Guards reduce depth of switch behind panel by .020” (0.5mm).
AT499
Square
Protective Guard
Opens 90°
Closes manually
AT498
Center
Cutouts for More Than 1 Switch
Square
A = .752” (19.1mm) x Number of Switches + .051” (1.3mm)
Rectangular
A = .996” (25.3mm) x Number of Switches + .051” (1.3mm)
A
(16.2)
.638
(20.0)
.787
Center Position
End Position
(19.2)
.756
(1.19)
.047
(19.2)
.756
(23.5)
.925
(5.2)
.205
(4.3) Typ
.169
(15.0)
.591
(1.19)
.047
(17.0)
.669
(20.0)
.787
(10.0)
.394
(21.0)
.827
(8.0)
.315
Cap Height
When
Assembled
(14.0) Sq
.551
(17.9) Sq
.705
(18.4)
.724
(20.4)
.803
(10.5)
.413
(20.5)
.807
(7.5)
.295
Cap Height
When
Assembled
180°
(17.9)
.705
(14.2)
.559
(17.9)
.705
(7.1)
.280
(20.4)
.803 (N)
(16.2) Sq
.638
(39.0) Min*
1.535
(N) = Number of switches
AT4171
(10.5)
.413
(20.5)
.807
(20.4)
.803
* Minimum dimension allows opening of cover to 180°
Spring Loaded Protective Guard
AT4171
Square
Protective Guard
Opens 180°
Closes automatically
Materials:
Cover: Clear Polycarbonate
Base: Black GFR Polyamide
Coil Spring: Stainless Steel
Recommended Panel Thickness:
.039” ~ .106” (1.0mm ~ 2.7mm)


同様の部品番号 - LB16CKW01-5DJB

メーカー部品番号データシート部品情報
logo
Nihon Kaiheiki Industry...
LB16CKW01-05-BJ NKK-LB16CKW01-05-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB16CKW01-05-CJ NKK-LB16CKW01-05-CJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB16CKW01-12-BJ NKK-LB16CKW01-12-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
logo
GREATECS
LB16CKW01-12-CJ GREATECS-LB16CKW01-12-CJ Datasheet
460Kb / 10P
   Standard Size Snap-in Pushbuttons
logo
Nihon Kaiheiki Industry...
LB16CKW01-12-CJ NKK-LB16CKW01-12-CJ Datasheet
2Mb / 20P
   Standard Size Pushbuttons
More results

同様の説明 - LB16CKW01-5DJB

メーカー部品番号データシート部品情報
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com