データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB16CGG01-5CJF データシート(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

部品番号 LB16CGG01-5CJF
部品情報  General Specifications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NKK [Nihon Kaiheiki Industry Co. Ltd.]
ホームページ  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB16CGG01-5CJF データシート(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button LB16CGG01-5CJF Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LB16CGG01-5CJF Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LB16CGG01-5CJF Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LB16CGG01-5CJF Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LB16CGG01-5CJF Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. LB16CGG01-5CJF Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. LB16CGG01-5CJF Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. LB16CGG01-5CJF Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. LB16CGG01-5CJF Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Series LB
Standard Size Snap-in Pushbuttons
D53
D
www.nkkswitches.com
(+)
(-)
LED COLORS & SPECIFICATIONS
The electrical specifications shown are determined at a basic temperature of 25°C.
LED circuit is isolated and requires external power source. Polarity marks are on the switch.
If the source voltage exceeds the rated voltage, a ballast resistor is required.
The resistor value can be calculated by using the formula in the Supplement section.
Additional lamp detail is shown in the Accessories & Hardware section.
Color Codes
Red
Amber
Green
Maximum Forward Current
I
FM
30mA
30mA
30mA
Typical Forward Current
I
F
20mA
20mA
20mA
Forward Voltage
V
F
1.9V
2.0V
2.1V
Maximum Reverse Voltage
V
RM
5V
5V
5V
Current Reduction Rate Above 25°C
∆I
F
0.42mA/°C
Ambient Temperature Range
–25° ~ +50°C
5C
5D
5F
No Code
Red
Amber
Green
No Resistor
(+)
(-)
T-112 Bi-pin
AT635
LEDs are colored
in OFF state.
Bright LED without Resistor
Color
White
Green
Blue
Maximum Forward Current
I
FM
30mA
30mA
30mA
Typical Forward Current
I
F
20mA
20mA
20mA
Forward Voltage
V
F
3.3V
3.3V
3.3V
Maximum Reverse Voltage
V
RM
7V
7V
7V
Current Reduction Rate Above 25°C
∆I
F
0.40mA/°C 0.40mA/°C 0.40mA/°C
Ambient Temperature Range
–25° ~ +50°C
6F
6G
6B
AT625G Blue
AT631B White
AT632F Green
T-1 Bi-pin
Super Bright Single Element LED
(+)
(-)
AT627
5-volt
4-element
with Resistor
AT627
12-volt
4-element
with Resistor
AT627
24-volt
4-element
with Resistor
(+)
(-)
(+)
(-)
Resistor Codes
Color Codes:
Maximum Forward Current
I
FM
Typical Forward Current
I
F
52mA
26mA
13mA
Forward Voltage
V
F
5V
12V
24V
Maximum Reverse Voltage
V
RM
4V
8V
16V
Current Reduction Rate Above 25°C
∆I
F
0.50mA/°C
Ambient Temperature Range
–25° ~ +50°C
5C
5D
5F
12
24
05
Red
Amber
Green
AT627
with Resistor
T-1 Bi-pin
Bright LED with Resistor
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES
No Code
No Lamp


同様の部品番号 - LB16CGG01-5CJF

メーカー部品番号データシート部品情報
logo
Nihon Kaiheiki Industry...
LB16CGG01-05-BJ NKK-LB16CGG01-05-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB16CGG01-12-BJ NKK-LB16CGG01-12-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB16CGG01-A NKK-LB16CGG01-A Datasheet
359Kb / 9P
   Standard Size Pushbuttons
LB16CGG01-B NKK-LB16CGG01-B Datasheet
359Kb / 9P
   Standard Size Pushbuttons
LB16CGG01-C NKK-LB16CGG01-C Datasheet
359Kb / 9P
   Standard Size Pushbuttons
More results

同様の説明 - LB16CGG01-5CJF

メーカー部品番号データシート部品情報
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com