データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV752600MBDNKXXHL-PF データシート(PDF) 2 Page - Advanced Crystal Technology

部品番号 TLV752600MBDNKXXHL-PF
部品情報  TCXO/VC‐TCXO, 7.0 x 5.0mm, LVDS output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACT [Advanced Crystal Technology]
ホームページ  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TLV752600MBDNKXXHL-PF データシート(HTML) 2 Page - Advanced Crystal Technology

  TLV752600MBDNKXXHL-PF Datasheet HTML 1Page - Advanced Crystal Technology TLV752600MBDNKXXHL-PF Datasheet HTML 2Page - Advanced Crystal Technology TLV752600MBDNKXXHL-PF Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TCXO part number generation
TLV75
2600
M
B
X
N
K
X
X
H
L
‐PF
ACT
series
Code
Frequency
(MHz)
Ex. 26.00MHz
Temp. 
stability 
(±ppm)
Supply 
voltage
(V)
Operating 
temp. range 
(°C)
Frequency
 tuning      
(±ppm)
Output 
waveform
Mechanical
 tuning   
(±ppm)
Polarity
Duty
 cycle
(%/%)
Tape
 & 
Reel
RoHS
TLV75
< 100MHz
First 4 digit of 
frequency
> 100MHz 
First 5 digit of 
frequency
1.0 = P
2.0 = N
2.5 = M
3.0 = L
4.0 = J
5.0 = F
3.3V = B
   0 ~ 50    = D
‐10 ~ +60 = F
‐20 ~ +70 = B
‐30 ~ +75 = W
‐30 ~ +85 = X
‐40 ~ +85 = K
None  = NLVDS = KNone =  XNone = X45/55 = HLoose = L
1000  = C
2000  = E
‐PF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below.
Full Example Part Number : TLV752600MBXNKXXHL‐PF [26MHz], TLV751474MBXNKXXHL‐PF [14.7456MHz]
VC‐TCXO part number generation
VTLV75
1474
M
B
X
E
B
X
D
P
E
Z
L
‐PF
ACT
series
Code
Frequency
(MHz)
Ex. 
14.7456MHz
Temp. 
stability 
(±ppm)
Supply 
voltage
(V)
Operating 
temp. range 
(°C)
Frequency
 tuning      
(±ppm)
Output 
waveform
Mechanical
 tuning   
(±ppm)
Electrical 
tuning
(±ppm)
Polarity
Linearity
Duty cycle
Tape
 & 
Reel
RoHS 
VTLV75
< 100MHz
First 4 digit 
of frequency
> 100MHz 
First 5 digit 
of frequency
1.0 = P
2.0 = N
2.5 = M
3.0 = L
4.0 = J
5.0 = F
3.3V = B    0 ~ 50   = D
‐10 ~ +60 = F
‐20 ~ +70 = B
‐30~ +75 = W
‐30 ~ +85 = X
‐40 ~ +85 = K
Voltage 
Control 
Only
  = 
E
LVDS = KNone
 =
  X
±5.0
 = 
 D
Positive 
=
P
±10%
 =
E
45/55 = H
Loose = L
1000  = C
2000  = D
‐PF
Note: It is important to suffix the above part number with full frequency required to give a completed part number as illustrated below.
Full Example Part Number : VTT751474MBXEKXDPEHL‐PF (14.7456MHz)
(V)TDLV75 Series
TCXO/VC‐TCXO, 7.0 x 5.0mm, LVDS output
Advanced Crystal Technology (A wholly owned Acal BFi Company)
Tel: +44 (0) 118 978 8878  Email info@actcrystals.com / www.actcrystals.com 
ISO9001 Registered 
Specifications subject to change without notification 


同様の部品番号 - TLV752600MBDNKXXHL-PF

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV752 TI1-TLV752 Datasheet
1Mb / 29P
[Old version datasheet]   TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV75201PDSQR TI1-TLV75201PDSQR Datasheet
1Mb / 29P
[Old version datasheet]   TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV75201PDSQT TI1-TLV75201PDSQT Datasheet
1Mb / 29P
[Old version datasheet]   TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
More results

同様の説明 - TLV752600MBDNKXXHL-PF

メーカー部品番号データシート部品情報
logo
Advanced Crystal Techno...
TPL75 ACT-TPL75 Datasheet
2Mb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, LVPECL output
25042016
TCT75-4 ACT-TCT75-4_17 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
01/02/2017
TFCT75 ACT-TFCT75 Datasheet
768Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, HCMOS, Programmable
25042016
TCT75-4 ACT-TCT75-4 Datasheet
766Kb / 3P
   TCXO/VC-TCXO 7.0 x 5.0mm, HCMOS/TTL
25042016
VTCT75-4 ACT-VTCT75-4 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TCSW75 ACT-TCSW75 Datasheet
781Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Kyocera Kinseki Corpota...
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
   TCXO, VC-TCXO
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com