データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV752600LBFNKXXHL-PF データシート(PDF) 1 Page - Advanced Crystal Technology

部品番号 TLV752600LBFNKXXHL-PF
部品情報  TCXO/VC‐TCXO, 7.0 x 5.0mm, LVDS output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ACT [Advanced Crystal Technology]
ホームページ  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TLV752600LBFNKXXHL-PF データシート(HTML) 1 Page - Advanced Crystal Technology

  TLV752600LBFNKXXHL-PF Datasheet HTML 1Page - Advanced Crystal Technology TLV752600LBFNKXXHL-PF Datasheet HTML 2Page - Advanced Crystal Technology TLV752600LBFNKXXHL-PF Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(V)TDLV75 Series
±2.0ppm stability over ‐30°C to 85°C 
Moderate jitter specification
ESD sensitive device, Moisture sensitive level ‐ 1
                                   Parameters                                                                                      Specification                                                                        Remarks
 Frequency range 
F_nom  12.0MHz ~ 800.0MHz
 
 Supply voltage
Vcc   3.3V
 
 Initial frequency tolerance  
F_tol  <±2.0ppm  At +25°C±2°C
 Frequency stability 
 vs Temperature
F_stb  ±1.0ppm ~ ±5.0ppm
 Table 1
 vs Load
F_load  ±0.3ppm max.  ±10% load condition change
 vs Voltage
F_Vcc  ±0.3ppm max.  ±5% input voltage change
 vs Aging
F_age  ±1.0ppm/year max.
 At +25°C
 vs Reflow
 ±1.0ppm/year max.
 1 reflow and measured after 24hrs
 Operating temperature range (°C)
Topr  0°C ~ +50°C to ‐40°C ~ +85°C
 Table 1
 Storage temperature (°C)
Tstg  ‐55°C ~ +125°C
 Output waveform / Output load
  LVDS square wave/50Ω from each load
 Output voltage high
Voh  1.4V typical ; 1.6V min.
 Output voltage low
Vol  0.9V min ; 1.1V max.
 Output differential voltage
Vod  247mV min ; 355mV typical ; 454mV max.
 Output 1 ‐ Output 2
 Output differential voltage error
Dvod  ‐50mV min ; 50mV max.
 Output offset voltage
Vos  1.125V min ; 1.2V typical ; 1.375V max.
 Output offset magnitude error
Dvos  0mV min ; 3mV typical ; 25mV max. 
 Current consumption 
Icc
 12~24MHz : 33mA max ; 24~96MHz : 50mA       
  Max current  measured with load
 96~700MHz : 85mA
 Rise and fall time
Tr, Tf  1.5ns max.  20% to 80% of wave form. 
 Duty cycle
SYM  45%/55%
 Measured at 1.25V
 Start‐up time
T_str  5.0m sec (typ.), 10.0m sec. (Max.)
 Reach 90% amplitude at +25°C±2°C
 Phase jitter (RMS) (12kHz to 20MHz)
 2.6ps (typ.) , 4.0ps (max)
 For frequency 155.520MHz
 Tristate
  Yes, Pin 2
 VC‐TCXO option only
 Control voltage
 Vc  1.5V ± 1.0V
 Frequency tuning (ppm)
 ±5.0ppm min. 
 Linearity/Slope polarity
 6.0% typical;10%max/Positive slope
 Positive voltage for positive frequency  shift 
 Table 1 Frequency Stability vs Temperature
 Temp. (°C)
 Stability in ppm
±1.0
±2.0
±2.5
±3.0
±4.0
±5.0
   0°C to 50°C 
√√√√√
‐10°C to 60°C 
Enq.
√√√√√
‐20°C to 70°C 
X
√√√√√
‐30°C to 75°C 
X
√√√√√
‐30°C to 85°C 
X
√√√√√
‐40°C to 85°C 
X
X
X
Enq.
Enq.
 Phase noise at 25°C (dBc/Hz)
 100MHz
622.08MHz
10Hz
‐75
‐55
100Hz
‐104
‐85
1kHz
‐115
‐109
10kHz
‐120
‐115
100kHz
‐122
‐110
Advanced Crystal Technology (A wholly owned Acal Bfi Company)
Tel: +44 (0) 118 978 8878  Email info@actcrystals.com / www.actcrystals.com 
ISO9001 Registered 
Specifications subject to change without notification 
TCXO/VC‐TCXO, 7.0 x 5.0mm, LVDS output
Dimensions (Unit:mm)
7.5
Top view
1
2
3
4
5
6
Bottom view
1.4
5.08
1.8
Land pattern
5.08
Pad 1:  Control voltage  for VCTCXO
 No connection for TCXO
Pad 2:  Tristate
Pad 3:  GND
Pad 4:  LVDS output
Pad 5:  Complimentary output
Pad 6:  Supply voltage
 Pad 2              
(Tristate)
 Pad 4/Pad 5 
(Output)
 No connection
Active 
 Enable (>Vcc*0.45)  Active
 Disable (<Vcc*0.45)  High impedance


同様の部品番号 - TLV752600LBFNKXXHL-PF

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV752 TI1-TLV752 Datasheet
1Mb / 29P
[Old version datasheet]   TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV75201PDSQR TI1-TLV75201PDSQR Datasheet
1Mb / 29P
[Old version datasheet]   TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
TLV75201PDSQT TI1-TLV75201PDSQT Datasheet
1Mb / 29P
[Old version datasheet]   TLV752 Dual, 1-A, High-Accuracy, Adjustable-LDO in a Small-Size Package
More results

同様の説明 - TLV752600LBFNKXXHL-PF

メーカー部品番号データシート部品情報
logo
Advanced Crystal Techno...
TPL75 ACT-TPL75 Datasheet
2Mb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, LVPECL output
25042016
TCT75-4 ACT-TCT75-4_17 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
01/02/2017
TFCT75 ACT-TFCT75 Datasheet
768Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, HCMOS, Programmable
25042016
TCT75-4 ACT-TCT75-4 Datasheet
766Kb / 3P
   TCXO/VC-TCXO 7.0 x 5.0mm, HCMOS/TTL
25042016
VTCT75-4 ACT-VTCT75-4 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TCSW75 ACT-TCSW75 Datasheet
781Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Kyocera Kinseki Corpota...
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
   TCXO, VC-TCXO
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com