データシートサーチシステム |
|
TLV752600FBBNKXXHE-PF データシート(PDF) 1 Page - Advanced Crystal Technology |
|
TLV752600FBBNKXXHE-PF データシート(HTML) 1 Page - Advanced Crystal Technology |
1 / 3 page (V)TDLV75 Series ±2.0ppm stability over ‐30°C to 85°C Moderate jitter specification ESD sensitive device, Moisture sensitive level ‐ 1 Parameters Specification Remarks Frequency range F_nom 12.0MHz ~ 800.0MHz Supply voltage Vcc 3.3V Initial frequency tolerance F_tol <±2.0ppm At +25°C±2°C Frequency stability vs Temperature F_stb ±1.0ppm ~ ±5.0ppm Table 1 vs Load F_load ±0.3ppm max. ±10% load condition change vs Voltage F_Vcc ±0.3ppm max. ±5% input voltage change vs Aging F_age ±1.0ppm/year max. At +25°C vs Reflow ±1.0ppm/year max. 1 reflow and measured after 24hrs Operating temperature range (°C) Topr 0°C ~ +50°C to ‐40°C ~ +85°C Table 1 Storage temperature (°C) Tstg ‐55°C ~ +125°C Output waveform / Output load LVDS square wave/50Ω from each load Output voltage high Voh 1.4V typical ; 1.6V min. Output voltage low Vol 0.9V min ; 1.1V max. Output differential voltage Vod 247mV min ; 355mV typical ; 454mV max. Output 1 ‐ Output 2 Output differential voltage error Dvod ‐50mV min ; 50mV max. Output offset voltage Vos 1.125V min ; 1.2V typical ; 1.375V max. Output offset magnitude error Dvos 0mV min ; 3mV typical ; 25mV max. Current consumption Icc 12~24MHz : 33mA max ; 24~96MHz : 50mA Max current measured with load 96~700MHz : 85mA Rise and fall time Tr, Tf 1.5ns max. 20% to 80% of wave form. Duty cycle SYM 45%/55% Measured at 1.25V Start‐up time T_str 5.0m sec (typ.), 10.0m sec. (Max.) Reach 90% amplitude at +25°C±2°C Phase jitter (RMS) (12kHz to 20MHz) 2.6ps (typ.) , 4.0ps (max) For frequency 155.520MHz Tristate Yes, Pin 2 VC‐TCXO option only Control voltage Vc 1.5V ± 1.0V Frequency tuning (ppm) ±5.0ppm min. Linearity/Slope polarity 6.0% typical;10%max/Positive slope Positive voltage for positive frequency shift Table 1 Frequency Stability vs Temperature Temp. (°C) Stability in ppm ±1.0 ±2.0 ±2.5 ±3.0 ±4.0 ±5.0 0°C to 50°C √ √√√√√ ‐10°C to 60°C Enq. √√√√√ ‐20°C to 70°C X √√√√√ ‐30°C to 75°C X √√√√√ ‐30°C to 85°C X √√√√√ ‐40°C to 85°C X X X Enq. Enq. √ Phase noise at 25°C (dBc/Hz) 100MHz 622.08MHz 10Hz ‐75 ‐55 100Hz ‐104 ‐85 1kHz ‐115 ‐109 10kHz ‐120 ‐115 100kHz ‐122 ‐110 Advanced Crystal Technology (A wholly owned Acal Bfi Company) Tel: +44 (0) 118 978 8878 Email info@actcrystals.com / www.actcrystals.com ISO9001 Registered Specifications subject to change without notification TCXO/VC‐TCXO, 7.0 x 5.0mm, LVDS output Dimensions (Unit:mm) 7.5 Top view 1 2 3 4 5 6 Bottom view 1.4 5.08 1.8 Land pattern 5.08 Pad 1: Control voltage for VCTCXO No connection for TCXO Pad 2: Tristate Pad 3: GND Pad 4: LVDS output Pad 5: Complimentary output Pad 6: Supply voltage Pad 2 (Tristate) Pad 4/Pad 5 (Output) No connection Active Enable (>Vcc*0.45) Active Disable (<Vcc*0.45) High impedance |
同様の部品番号 - TLV752600FBBNKXXHE-PF |
|
同様の説明 - TLV752600FBBNKXXHE-PF |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |