データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7988-1 データシート(PDF) 5 Page - Analog Devices

部品番号 AD7988-1
部品情報  16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7988-1 データシート(HTML) 5 Page - Analog Devices

  AD7988-1 Datasheet HTML 1Page - Analog Devices AD7988-1 Datasheet HTML 2Page - Analog Devices AD7988-1 Datasheet HTML 3Page - Analog Devices AD7988-1 Datasheet HTML 4Page - Analog Devices AD7988-1 Datasheet HTML 5Page - Analog Devices AD7988-1 Datasheet HTML 6Page - Analog Devices AD7988-1 Datasheet HTML 7Page - Analog Devices AD7988-1 Datasheet HTML 8Page - Analog Devices AD7988-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
AD7988-1/AD7988-5
Rev. G | Page 5 of 24
VDD = 2.5 V, VIO = 1.71 V to 5.5 V, VREF = 5 V, TA = –40°C to +125°C, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
REFERENCE
Voltage Range
2.4
5.1
V
Load Current
VREF = 5 V
250
µA
SAMPLING DYNAMICS
−3 dB Input Bandwidth
10
MHz
Aperture Delay
VDD = 2.5 V
2.0
ns
DIGITAL INPUTS
Logic Levels
VIL
VIO > 3 V
–0.3
0.3 × VIO
V
VIH
VIO > 3 V
0.7 × VIO
VIO + 0.3
V
VIL
VIO ≤ 3 V
–0.3
0.1 × VIO
V
VIH
VIO ≤ 3 V
0.9 × VIO
VIO + 0.3
V
IIL
−1
+1
µA
IIH
−1
+1
µA
DIGITAL OUTPUTS
Data Format
Serial 16 bits straight binary
Pipeline Delay
Conversion results available immediately
after completed conversion
VOL
ISINK = 500 µA
0.4
V
VOH
ISOURCE = −500 µA
VIO − 0.3
V
POWER SUPPLIES
VDD
2.375
2.5
2.625
V
VIO
1.71
5.5
V
Standby Current1, 2
VDD and VIO = 2.5 V, 25°C
0.35
µA
AD7988-1 Power Dissipation
VDD = 2.625 V, VREF = 5 V, VIO = 3 V
Total
10 kSPS throughput
70
µW
100 kSPS throughput
700
µW
1
mW
VDD Only
400
µW
REF Only
170
µW
VIO Only
130
µW
AD7988-5 Power Dissipation
VDD = 2.625 V, VREF = 5 V, VIO = 3 V
Total
500 kSPS throughput
3.5
5
mW
VDD Only
2
mW
REF Only
0.85
mW
VIO Only
0.65
mW
Energy per Conversion
7.0
nJ/sample
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+125
°C
1
With all digital inputs forced to VIO or GND as required.
2
During the acquisition phase.


同様の部品番号 - AD7988-1

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7988-1 AD-AD7988-1 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
AD7988-1 AD-AD7988-1 Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
AD7988-1BCPZ-RL AD-AD7988-1BCPZ-RL Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
AD7988-1BCPZ-RL AD-AD7988-1BCPZ-RL Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
AD7988-1BCPZ-RL7 AD-AD7988-1BCPZ-RL7 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
More results

同様の説明 - AD7988-1

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7988-1_1208 AD-AD7988-1_1208 Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
AD7989-1 AD-AD7989-1_17 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7946 AD-AD7946_15 Datasheet
538Kb / 24P
   14-Bit, 500 kSPS, PulSAR ADC in MSOP and LFCSP
REV. B
AD7693 AD-AD7693_17 Datasheet
739Kb / 25P
   500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7690 AD-AD7690 Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com