データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7988-1BRMZ データシート(PDF) 6 Page - Analog Devices

部品番号 AD7988-1BRMZ
部品情報  16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7988-1BRMZ データシート(HTML) 6 Page - Analog Devices

Back Button AD7988-1BRMZ Datasheet HTML 2Page - Analog Devices AD7988-1BRMZ Datasheet HTML 3Page - Analog Devices AD7988-1BRMZ Datasheet HTML 4Page - Analog Devices AD7988-1BRMZ Datasheet HTML 5Page - Analog Devices AD7988-1BRMZ Datasheet HTML 6Page - Analog Devices AD7988-1BRMZ Datasheet HTML 7Page - Analog Devices AD7988-1BRMZ Datasheet HTML 8Page - Analog Devices AD7988-1BRMZ Datasheet HTML 9Page - Analog Devices AD7988-1BRMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD7988-1/AD7988-5
Data Sheet
Rev. G | Page 6 of 24
TIMING SPECIFICATIONS
VDD = 2.37 V to 2.63 V, VIO = 3.3 V to 5.5 V, −40°C to +125°C unless otherwise stated. See Figure 2 and Figure 3 for load conditions.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
AD7988-1
Throughput Rate
100
kHz
Conversion Time: CNV Rising Edge to Data Available
tCONV
9.5
μs
Acquisition Time
tACQ
500
ns
Time Between Conversions
tCYC
10
μs
AD7988-5
Throughput Rate
500
kHz
Conversion Time: CNV Rising Edge to Data Available
tCONV
B Grade
1.6
µs
C Grade
1.2
µs
Acquisition Time
tACQ
B Grade
400
ns
C Grade
800
ns
Time Between Conversions
tCYC
2
μs
CNV Pulse Width (CS Mode)
tCNVH
500
ns
SCK Period (CS Mode)
tSCK
VIO Above 4.5 V
10.5
ns
VIO Above 3 V
12
ns
VIO Above 2.7 V
13
ns
VIO Above 2.3 V
15
ns
SCK Period (Chain Mode)
tSCK
VIO Above 4.5 V
11.5
ns
VIO Above 3 V
13
ns
VIO Above 2.7 V
14
ns
VIO Above 2.3 V
16
ns
SCK Low Time
tSCKL
4.5
ns
SCK High Time
tSCKH
4.5
ns
SCK Falling Edge to Data Remains Valid
tHSDO
3
ns
SCK Falling Edge to Data Valid Delay
tDSDO
VIO Above 4.5 V
9.5
ns
VIO Above 3 V
11
ns
VIO Above 2.7 V
12
ns
VIO Above 2.3 V
14
ns
CNV or SDI Low to SDO D15 MSB Valid (CS Mode)
tEN
VIO Above 3 V
10
ns
VIO Above 2.3V
15
ns
CNV or SDI High or Last SCK Falling Edge to SDO High Impedance (CS Mode)
tDIS
20
ns
SDI Valid Setup Time from CNV Rising Edge
tSSDICNV
5
ns
SDI Valid Hold Time from CNV Rising Edge (CS Mode)
tHSDICNV
2
ns
SDI Valid Hold Time from CNV Rising Edge (Chain Mode)
tHSDICNV
0
ns
SCK Valid Setup Time from CNV Rising Edge (Chain Mode)
tSSCKCNV
5
ns
SCK Valid Hold Time from CNV Rising Edge (Chain Mode)
tHSCKCNV
5
ns
SDI Valid Setup Time from SCK Falling Edge (Chain Mode)
tSSDISCK
2
ns
SDI Valid Hold Time from SCK Falling Edge (Chain Mode)
tHSDISCK
3
ns


同様の部品番号 - AD7988-1BRMZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7988-1BRMZ AD-AD7988-1BRMZ Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
AD7988-1BRMZ AD-AD7988-1BRMZ Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
AD7988-1BRMZ-RL7 AD-AD7988-1BRMZ-RL7 Datasheet
469Kb / 24P
   16-Bit Lower Power
REV. B
AD7988-1BRMZ-RL7 AD-AD7988-1BRMZ-RL7 Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
More results

同様の説明 - AD7988-1BRMZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7988-1_1208 AD-AD7988-1_1208 Datasheet
503Kb / 24P
   16-Bit Lower Power PulSAR ADCs in MSOP/LFCSP (QFN)
REV. C
AD7989-1 AD-AD7989-1_17 Datasheet
595Kb / 24P
   PulSAR ADCs in MSOP/LFCSP
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7989-1 AD-AD7989-1 Datasheet
566Kb / 24P
   18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7946 AD-AD7946_15 Datasheet
538Kb / 24P
   14-Bit, 500 kSPS, PulSAR ADC in MSOP and LFCSP
REV. B
AD7693 AD-AD7693_17 Datasheet
739Kb / 25P
   500 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7690 AD-AD7690 Datasheet
674Kb / 25P
   400 kSPS PulSAR Differential ADC in MSOP/LFCSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com