データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC74LCX74F データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TC74LCX74F
部品情報  Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX74F データシート(HTML) 1 Page - Toshiba Semiconductor

  TC74LCX74F Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX74F Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX74F Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX74F Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX74F Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX74F Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX74F Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX74F Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX74F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74LCX74F/FN/FT
2002-01-11
1
TOSHIBA CMOS Digital Integrated Circuit
Silicon Monolithic
TC74LCX74F,TC74LCX74FN,TC74LCX74FT
Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
The TC74LCX74F/FN/FT is a high-performance CMOS D-type
flip-flop. Designed for use in 3.3-V systems, it achieves
high-speed operation while maintaining the CMOS low power
dissipation.
The device is designed for low-voltage (3.3 V) VCC applications,
but it could be used to interface to 5-V supply environment for
inputs.
The signal level applied to the D input is transferred to Q
output during the positive going transition of the CK pulse. CLR
and PR are independent of the CK and are accomplished by
setting the appropriate input low.
All inputs are equipped with protection circuits against static
discharge.
Features
· Low-voltage operation: VCC = 2.0 to 3.6 V
· High-speed operation: tpd = 7.0 ns (max) (VCC = 3.0 to 3.6 V)
· Output current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V)
· Latch-up performance: ±500 mA
· Available in JEDEC SOP, JEITA SOP and TSSOP
· Power-down protection provided on all inputs and outputs
· Pin and function compatible with the 74 series
(74AC/VHC/HC/F/ALS/LS etc.) 74 type
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74LCX74F
TC74LCX74FN
TC74LCX74FT
Weight
SOP14-P-300-1.27: 0.18 g (typ.)
SOL14-P-150-1.27: 0.12 g (typ.)
TSSOP14-P-0044-0.65: 0.06 g (typ.)


同様の部品番号 - TC74LCX74F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74LCX74F TOSHIBA-TC74LCX74F Datasheet
280Kb / 10P
   Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX74FK TOSHIBA-TC74LCX74FK Datasheet
280Kb / 10P
   Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX74FK TOSHIBA-TC74LCX74FK_12 Datasheet
230Kb / 11P
   Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX74FN TOSHIBA-TC74LCX74FN Datasheet
280Kb / 10P
   Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX74FT TOSHIBA-TC74LCX74FT Datasheet
280Kb / 10P
   Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
More results

同様の説明 - TC74LCX74F

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC74LCX74F TOSHIBA-TC74LCX74F_12 Datasheet
230Kb / 11P
   Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX74F TOSHIBA-TC74LCX74F_07 Datasheet
280Kb / 10P
   Low-Voltage Dual D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC7MZ574FK TOSHIBA-TC7MZ574FK_07 Datasheet
191Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC74LCX574F TOSHIBA-TC74LCX574F_10 Datasheet
234Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74LCX574F TOSHIBA-TC74LCX574F_07 Datasheet
249Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC7MZ374FK TOSHIBA-TC7MZ374FK_07 Datasheet
191Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 5 V Tolerant Inputs and Outputs
TC74LCX374F TOSHIBA-TC74LCX374F_07 Datasheet
250Kb / 10P
   Low-Voltage Octal D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74VCX74FT TOSHIBA-TC74VCX74FT_07 Datasheet
262Kb / 11P
   Low-Voltage Dual D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74LCX16374FT TOSHIBA-TC74LCX16374FT Datasheet
193Kb / 10P
   Low-Voltage 16-Bit D-Type Flip-Flop with 5-V Tolerant Inputs and Outputs
TC74VCX74FT TOSHIBA-TC74VCX74FT Datasheet
316Kb / 8P
   LOW VOLTAGE DUAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com