データシートサーチシステム |
|
TLC2274ID データシート(PDF) 5 Page - Texas Instruments |
|
|
TLC2274ID データシート(HTML) 5 Page - Texas Instruments |
5 / 52 page TLC227x, TLC227xA Advanced LinCMOS ™ RAIL-TO-RAIL OPERATIONAL AMPLIFIERS SLOS190B – FEBRUARY 1997 – REVISED JULY 1999 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC2272C electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLC2272C TLC2272AC UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage V0 V 2V 25 °C 300 2500 300 950 µV VIO Input offset voltage V0 V 2V Full range 3000 1500 µV αVIO Temperature coefficient V0 V 2V 25 °C 2 2 µV/°C αVIO of input offset voltage V0 V 2V to 70 °C 2 2 µV/°C Input offset voltage long-term drift (see Note 4) VIC = 0, VO = 0, VDD ± = ± 2.5 V, RS = 50 Ω 25 °C 0.002 0.002 µV/mo IIO Input offset current 25 °C 0.5 0.5 pA IIO Input offset current Full range 100 100 pA IIB Input bias current 25 °C 1 1 pA IIB Input bias current Full range 100 100 pA 25 °C 0 to – 0.3 to 0 to – 0.3 to VICR Common-mode input RS =50 Ω |VIO | ≤ 5mV 25 °C to 4 to 4.2 to 4 to 4.2 V VICR voltage range RS = 50 Ω, |VIO | ≤ 5 mV 0 0 V Full range to to g 3.5 3.5 IOH = – 20 µA 25 °C 4.99 4.99 High level output IOH = 200 µA 25 °C 4.85 4.93 4.85 4.93 VOH High-level output voltage IOH = – 200 µA Full range 4.85 4.85 V voltage IOH =1 mA 25 °C 4.25 4.65 4.25 4.65 IOH = – 1 mA Full range 4.25 4.25 VIC = 2.5 V, IOL = 50 µA 25 °C 0.01 0.01 Low level output VIC =2 5V IOL = 500 µA 25 °C 0.09 0.15 0.09 0.15 VOL Low-level output voltage VIC = 2.5 V, IOL = 500 µA Full range 0.15 0.15 V voltage VIC =2 5V IOL =5 mA 25 °C 0.9 1.5 0.9 1.5 VIC = 2.5 V, IOL = 5 mA Full range 1.5 1.5 Large signal differential V2 5 V RL 10 kΩ‡ 25 °C 15 35 15 35 AVD Large-signal differential voltage amplification VIC = 2.5 V, VO =1Vto4V RL = 10 kΩ‡ Full range 15 15 V/mV VD voltage am lification VO = 1 V to 4 V RL = 1 mΩ‡ 25 °C 175 175 rid Differential input resistance 25 °C 1012 1012 Ω ri Common-mode input resistance 25 °C 1012 1012 Ω ci Common-mode input capacitance f = 10 kHz, P package 25 °C 8 8 pF zo Closed-loop output impedance f = 1 MHz, AV = 10 25 °C 140 140 Ω CMRR Common-mode VIC = 0 to 2.7 V, 25 °C 70 75 70 75 dB CMRR rejection ratio IC , VO = 2.5 V, RS = 50 Ω Full range 70 70 dB kSVR Supply-voltage rejection VDD = 4.4 V to 16 V, 25 °C 80 95 80 95 dB kSVR yg j ratio ( ∆VDD/∆VIO) DD VIC = VDD /2, No load Full range 80 80 dB IDD Supply current VO =2 5V No load 25 °C 2.2 3 2.2 3 mA IDD Supply current VO = 2.5 V, No load Full range 3 3 mA † Full range is 0 °C to 70°C. ‡ Referenced to 2.5 V NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |
同様の部品番号 - TLC2274ID |
|
同様の説明 - TLC2274ID |