データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV7302A データシート(PDF) 7 Page - Analog Devices

部品番号 ADV7302A
部品情報  Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV7302A データシート(HTML) 7 Page - Analog Devices

Back Button ADV7302A Datasheet HTML 3Page - Analog Devices ADV7302A Datasheet HTML 4Page - Analog Devices ADV7302A Datasheet HTML 5Page - Analog Devices ADV7302A Datasheet HTML 6Page - Analog Devices ADV7302A Datasheet HTML 7Page - Analog Devices ADV7302A Datasheet HTML 8Page - Analog Devices ADV7302A Datasheet HTML 9Page - Analog Devices ADV7302A Datasheet HTML 10Page - Analog Devices ADV7302A Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
REV. A
ADV7302A/ADV7303A
–7–
t9
t11
t10
t12
t13
t14
CLKIN_A
C7–C0
P_HSYNC,
P_VSYNC,
P_BLANK
CONTROL
I/PS
Y7–Y0
CONTROL
O/PS
S_HSYNC,
S_VSYNC
t
9 = CLOCK HIGH TIME, t10 = CLOCK LOW TIME, t11 = DATA SETUP TIME, t12 = DATA HOLD TIME
S7–S0
G0
G1
G2
Gxxx
Gxxx
B0
B1
B2
B3
Bxxx
Bxxx
R0
R1
R2
G3
Rxxx
Rxxx
Figure 4. HD 4:4:4 RGB Input Data Format Timing Diagram, HD RGB Input Enabled (Input
Mode at Subaddress 01h = 001 or 010)
t9
t11
t10
t12
t11
t12
t13
t14
CLKIN_B
Y7–Y0
P_HSYNC,
P_VSYNC,
P_BLANK
CONTROL
I/PS
CONTROL
O/PS
S_HSYNC,
S_VSYNC
t
9 = CLOCK HIGH TIME, t10 = CLOCK LOW TIME, t11 = DATA SETUP TIME, t12 = DATA HOLD TIME
Cb0
Y0
Cr0
Y1
Crxxx
Yxxx
Figure 5. PS 4:2:2 1
8-Bit Interleaved @ 27 MHz, Input Mode: PS Input Only (Input
Mode at Subaddress 01h = 100)


同様の部品番号 - ADV7302A

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
More results

同様の説明 - ADV7302A

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7303A AD-ADV7303A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7302A AD-ADV7302A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six 11-Bit DACs
REV. A
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
ADV7304A AD-ADV7304A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV 14-Bit DACs
REV. A
ADV7301A AD-ADV7301A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7300A AD-ADV7300A_15 Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV
REV. A
ADV7195 AD-ADV7195_15 Datasheet
562Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7195 AD-ADV7195 Datasheet
556Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs and 10-Bit Data Input
REV. A
ADV7196A AD-ADV7196A_15 Datasheet
533Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
ADV7196A AD-ADV7196A Datasheet
501Kb / 36P
   Multiformat Progressive Scan/HDTV Encoder with Three 11-Bit DACs, 10-Bit Data Input, and Macrovision
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com