データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATAR510 データシート(PDF) 10 Page - ATMEL Corporation

部品番号 ATAR510
部品情報  MARC 4 4-BIT UNIVERSAL MICROCONTROLLER
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR510 データシート(HTML) 10 Page - ATMEL Corporation

Back Button ATAR510 Datasheet HTML 6Page - ATMEL Corporation ATAR510 Datasheet HTML 7Page - ATMEL Corporation ATAR510 Datasheet HTML 8Page - ATMEL Corporation ATAR510 Datasheet HTML 9Page - ATMEL Corporation ATAR510 Datasheet HTML 10Page - ATMEL Corporation ATAR510 Datasheet HTML 11Page - ATMEL Corporation ATAR510 Datasheet HTML 12Page - ATMEL Corporation ATAR510 Datasheet HTML 13Page - ATMEL Corporation ATAR510 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 74 page
background image
10
4703B–4BMCU–01/05
ATAR510
2.2.5
Instruction Set
The MARC4 instruction set is optimized for the high level programming language qFORTH.
Many MARC4 instructions are qFORTH words. This enables the compiler to generate a fast and
compact program code. The CPU has an instruction pipeline allowing the controller to prefetch
an instruction from ROM at the same time as the present instruction is being executed. The
MARC4 is a zero-address machine, the instructions contain only the operation to be performed
and no source or destination address fields. The operations are implicitly performed on the data
placed on the stack. There are one and two byte instructions which are executed within 1 to 4
machine cycles. A MARC4 machine cycle is made up of two system clock cycles (SYSCL). Most
of the instructions are only one byte long and are executed in a single machine cycle. For more
information refer to the “MARC4 Programmer’s Guide”.
2.2.6
I/O Bus
The I/O ports and the registers of the peripheral modules are I/O mapped. All communication
between the core and the on-chip peripherals takes place via the I/O bus and the associated I/O
control. With the MARC4 IN and OUT instructions the I/O bus allows a direct read or write
access to one of the 16 primary I/O addresses. More about the I/O access to the on-chip periph-
erals is described in the section “Peripheral Modules”. The I/O bus is internal and is not
accessible by the customer on the final microcontroller device, but it is used as the interface for
the MARC4 emulation (see also the section “Emulation”).
2.3
Interrupt Structure
The MARC4 can handle interrupts with eight different priority levels. They can be generated
from the internal and external interrupt sources or by a software interrupt from the CPU itself.
Each interrupt level has a hard-wired priority and an associated vector for the service routine in
the ROM (see Table 2-1 on page 11). The programmer can postpone the processing of inter-
rupts by resetting the interrupt enable flag (I) in the CCR. An interrupt occurrence will still be
registered, but the interrupt routine only started after the I flag is set. All interrupts can be
masked, and the priority individually software configured by programming the appropriate control
register of the interrupting module (see section “Peripheral Modules”).
2.3.1
Interrupt Processing
For processing the eight interrupt levels, the MARC4 includes an interrupt controller with two 8-
bit wide interrupt pending and interrupt active registers. The interrupt controller samples all inter-
rupt requests during every non-I/O instruction cycle and latches these in the interrupt pending
register. Whenever an interrupt request is detected, the CPU interrupts the program currently
being executed, on condition that no higher priority interrupt is present in the interrupt active reg-
ister. If the interrupt enable bit is set, the processor enters an interrupt acknowledge cycle.
During this cycle a short call (SCALL) instruction to the service routine is executed and the cur-
rent PC is saved on the return stack.
An interrupt service routine is completed with the RTI instruction. This instruction resets the cor-
responding bits in the interrupt pending/active register and fetches the return address from the
return stack to the program counter. When the interrupt-enable flag is reset (triggering of inter-
rupt routines are disabled), the execution of new interrupt service routines is inhibited but not the
logging of the interrupt requests in the interrupt pending register. The execution of the interrupt
is delayed until the interrupt-enable flag is set again. Note that interrupts are only lost if an inter-
rupt request occurs while the corresponding bit in the pending register is still set (i.e., the
interrupt service routine is not yet finished).


同様の部品番号 - ATAR510

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATAR510F ATMEL-ATAR510F Datasheet
44Kb / 3P
   MARC4 4-bit Microcontrollers
More results

同様の説明 - ATAR510

メーカー部品番号データシート部品情報
logo
ATMEL Corporation
ATAM510 ATMEL-ATAM510 Datasheet
979Kb / 72P
   MARC4 4-bit MTP Universal Microcontroller
T48C510 ATMEL-T48C510 Datasheet
492Kb / 61P
   MARC4 -4-bit MTP Universal Microcontroller
logo
List of Unclassifed Man...
TM6811 ETC1-TM6811 Datasheet
59Kb / 5P
   4 Bit Microcontroller
logo
ELAN Microelectronics C...
EM73982 EMC-EM73982 Datasheet
216Kb / 41P
   4-BIT MICROCONTROLLER
EM73P982 EMC-EM73P982 Datasheet
219Kb / 41P
   4-BIT MICROCONTROLLER
logo
Winbond
W742E81A WINBOND-W742E81A Datasheet
567Kb / 45P
   4-BIT MICROCONTROLLER
W921E880A WINBOND-W921E880A Datasheet
430Kb / 57P
   4-BIT MICROCONTROLLER
W742E WINBOND-W742E Datasheet
747Kb / 60P
   4 BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM73PE00 EMC-EM73PE00 Datasheet
722Kb / 51P
   4-BIT MICROCONTROLLER
logo
Winbond
W742C811 WINBOND-W742C811 Datasheet
23Kb / 2P
   4-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com