データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145170D2 データシート(PDF) 1 Page - Motorola, Inc

部品番号 MC145170D2
部品情報  PLL Frequency Synthesizer with Serial Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145170D2 データシート(HTML) 1 Page - Motorola, Inc

  MC145170D2 Datasheet HTML 1Page - Motorola, Inc MC145170D2 Datasheet HTML 2Page - Motorola, Inc MC145170D2 Datasheet HTML 3Page - Motorola, Inc MC145170D2 Datasheet HTML 4Page - Motorola, Inc MC145170D2 Datasheet HTML 5Page - Motorola, Inc MC145170D2 Datasheet HTML 6Page - Motorola, Inc MC145170D2 Datasheet HTML 7Page - Motorola, Inc MC145170D2 Datasheet HTML 8Page - Motorola, Inc MC145170D2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
MC145170-2
Ordering Information
Device
Operating
Temp Range
Package
MC145170P2
TA = -40 to 85°C
Plastic DIP
MC145170D2
SOG-16
MC145170DT2
TSSOP-16
P SUFFIX
CASE 648
DT SUFFIX
CASE 948C
D SUFFIX
CASE 751B
© Motorola, Inc., 2003. All rights reserved.
1 Introduction
The new MC145170-2 is pin-for-pin compatible with the MC145170-1. A comparison of the
two parts is shown in the table below. The MC145170-2 is recommended for new designs
and has a more robust power-on reset (POR) circuit that is more responsive to momentary
power supply interruptions. The two devices are actually the same chip with mask options for
the POR circuit. The more robust POR circuit draws approximately 20
µA additional supply
current. Note that the maximum specification of 100
µA quiescent supply current has not
changed.
The MC145170-2 is a single-chip synthesizer capable of direct usage in the MF, HF, and
VHF bands. A special architecture makes this PLL easy to program. Either a bit- or byte-
oriented format may be used. Due to the patented BitGrabber
 registers, no address/steering
bits are required for random access of the three registers. Thus, tuning can be accomplished
via a 2-byte serial transfer to the 16-bit N register.
The device features fully programmable R and N counters, an amplifier at the fin pin, on-chip
support of an external crystal, a programmable reference output, and both single- and double-
ended phase detectors with linear transfer functions (no dead zones). A configuration (C)
register allows the part to be configured to meet various applications. A patented feature
allows the C register to shut off unused outputs, thereby minimizing noise and interference.
In order to reduce lock times and prevent erroneous data from being loaded into the counters,
a patented jam-load feature is included. Whenever a new divide ratio is loaded into the N
register, both the N and R counters are jam-loaded with their respective values and begin
counting down together. The phase detectors are also initialized during the jam load.
Operating Voltage Range: 2.7 to 5.5 V
Technical Data
MC145170-2/D
Rev. 4, 02/2003
PLL Frequency
Synthesizer with Serial
Interface
Contents:
1 Introduction . . . . . . . . . . 1
2 Specifications . . . . . . . . 3
3 Pin Connections . . . . . 10
4 Design Considerations 18
5 Packaging. . . . . . . . . . . 30
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


同様の部品番号 - MC145170D2

メーカー部品番号データシート部品情報
logo
LANSDALE Semiconductor ...
MC145170D2 LANSDALE-MC145170D2 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Freescale Semiconductor...
MC145170D2 FREESCALE-MC145170D2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
More results

同様の説明 - MC145170D2

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
logo
Freescale Semiconductor...
MC145170-2 FREESCALE-MC145170-2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com