データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LDX-U20 データシート(PDF) 3 Page - Bel Fuse Inc.

部品番号 LDX-U20
部品情報  Multiple protections
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BEL [Bel Fuse Inc.]
ホームページ  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDX-U20 データシート(HTML) 3 Page - Bel Fuse Inc.

  LDX-U20 Datasheet HTML 1Page - Bel Fuse Inc. LDX-U20 Datasheet HTML 2Page - Bel Fuse Inc. LDX-U20 Datasheet HTML 3Page - Bel Fuse Inc. LDX-U20 Datasheet HTML 4Page - Bel Fuse Inc. LDX-U20 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LDX-U20
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2016 Bel Power Solutions & Protection
BCD.00849_AA
Efficiency
Power Loss at Full Load (On Power Supply)
> 97.5%
< 13 W
Efficiency
Power Loss at Full Load(On Battery)
> 96.5%
< 18 W
Battery Charger Efficiency
Power Loss
> 90%
< 16 W
Maximum Backup Time
User programmable or up to battery discharge
threshold
Operating Ambient Temperature
Start-up type tested:- 40°C;
For temperatures <-20°C the LCD is not operating,
but the unit will operate correctly.
-40°C to +60°C
Storage Temperature
-20°C to +60°C
Humidity
Non-condensing
5 - 95% r.H.
Life Time Expectation
at 25°C ambient full load
253142 h (28.9 years)
Isolation Against Enclosure
0.75 kVDC
Cooling Method
Natural convection cooling
Safety Standards & Approvals
UL508 (reference)
EN60950 (reference)
EMC Standards
Emission
EN55022: 2010 (CISPR22)
EN55011: 2009 /A1:2010
Class A
Class A
Immunity
EN61000-4-2:2008
EN61000-4-3:2006 /A2:2010
EN61000-4-4:2012
EN61000-4-5:2014
EN61000-4-11:2004 /A1:2010
Level 3
Level 3
Level 3
Level 1
Level 2
Protection Degree
EN60529:1989 / A:2013
IP20
Vibration Sinusoidal
IEC 60068-2-6:2007
5-17.8 Hz: ±1.6 mm; 17.8-500 Hz:
2g 2 Hours / axis (X, Y, Z)
Shock
IEC 60068-2-27:2008
30 g 6 ms, 20 g 11 ms;
3 bumps / direction, 18 bumps total
NOTES:
For more details, performance and description regarding all parameters not indicated in the above table; please refer to user
manual. Technical parameters are typical, measured in laboratory environment at 25°C, 24 V input and 24 V lead acid battery.
Power rating, losses, efficiency, ripple, thermal behaviour and start-up may change outside of the nominal rated input range.
Contact factory for details.
Data may change without prior notice in order to improve the product.
IN/Battery/OUT Connectors
2.5 mm², Pluggable screw type (24 – 12 AWG,) 6 pins pluggable, 5.08 mm pitch
Auxiliary Contacts Connectors
Up to 0.5 mm², Fast Pluggable type (20 AWG), 7 pins pluggable, 2.54 mm pitch
Temperature Sensor Connector
2 pins, 2 mm pitch, friction lock connector
USB Connector
Mini USB connector


同様の部品番号 - LDX-U20

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LDX-6515DS-A1M ETC-LDX-6515DS-A1M Datasheet
161Kb / 2P
   VOLUMES 1 & 2, THIRD EDITION (2002) UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS INTERPRET PER ISO STANDARDS HANDBOOK,TECHNICAL DRAWINGS,
REV D
LDX-6515DS-R2M ETC-LDX-6515DS-R2M Datasheet
161Kb / 2P
   VOLUMES 1 & 2, THIRD EDITION (2002) UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS INTERPRET PER ISO STANDARDS HANDBOOK,TECHNICAL DRAWINGS,
REV D
LDX-6515DS-VTM ETC-LDX-6515DS-VTM Datasheet
161Kb / 2P
   VOLUMES 1 & 2, THIRD EDITION (2002) UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE IN MILLIMETERS INTERPRET PER ISO STANDARDS HANDBOOK,TECHNICAL DRAWINGS,
REV D
logo
Bel Fuse Inc.
LDX-B20 BEL-LDX-B20 Datasheet
602Kb / 4P
   Wide voltage range 12 - 85 VDC
LDX-C120 BEL-LDX-C120 Datasheet
474Kb / 4P
   DC-UPS with charging function of a 12 or 24 VDC battery
More results

同様の説明 - LDX-U20

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
RS-725-PCAR ETC2-RS-725-PCAR Datasheet
234Kb / 2P
   Safe - through Multiple Over Power Protections
RS-475-PCAR ETC2-RS-475-PCAR Datasheet
233Kb / 2P
   Safe - through Multiple Over Power Protections
RS-625-PCAR ETC2-RS-625-PCAR Datasheet
234Kb / 2P
   Safe - through Multiple Over Power Protections
RS-525-PCAR ETC2-RS-525-PCAR Datasheet
235Kb / 2P
   Safe - through Multiple Over Power Protections
logo
Analog Intergrations Co...
AN006 AIC-AN006 Datasheet
115Kb / 8P
   USB Protections
logo
Grenergy Opto, lnc.
GR8835A GRENERGY-GR8835A Datasheet
926Kb / 14P
   Green-Mode PWM Controller with Integrated Protections
logo
Holtek Semiconductor In...
HT7521-7 HOLTEK-HT7521-7 Datasheet
2Mb / 25P
   30V, 100mA TinyPowerTM LDO with Protections
HT7321-7 HOLTEK-HT7321-7 Datasheet
2Mb / 19P
   30V, 250mA TinyPowerTM LDO with Protections
logo
Grenergy Opto, lnc.
GR8876A GRENERGY-GR8876A Datasheet
896Kb / 15P
   Green-Mode PWM Controller with Integrated Protections
logo
Vishay Siliconix
VEMI355A-HAF VISHAY-VEMI355A-HAF_V01 Datasheet
881Kb / 6P
   3-Channel EMI-Filter with ESD-ProtectionS
01-Jan-2022
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com