データシートサーチシステム |
|
BD-A405ND-A データシート(PDF) 2 Page - List of Unclassifed Manufacturers |
|
BD-A405ND-A データシート(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 2 page DD-07 BD- EF 31xRD DD-08 BD- EF 32xRD DD-09 BD- A C 43xND DD-10 BD- A C 40xND DD-11 BD- A C 40xND-A DD-12 BD- EF 40xRD NOTES: 1.All Dimensions are in millimeters(inches). 2.Tolerance isA0.25mm(.010D). 3.Specifications are subject to change without notice. 4.NP:No Pin. 5.NC:No Connect. D 6 B A 3 C 8 9 E 7 F 4 G 1 DP 2 D1 10 5 D2 10B 7.62(.300) 16.00(.630) 10.16(.400) 6.00(.236) 3.00(.118)MIN. 3.60(.142) 16.70(.657) 2.54(.100) E0.50(.020) E0.5(.020) + PIN 1. F E D1 G A B D2 C DP D BD-E31xRD A B C E F G D.1 D.2 D DP A B C D E F G DP 7 6 2 8 1 9 5 4 3 10 A B C D E F G DP D.1 D.2 9.2(.362) 14.0(.551) 4.8(.189) E1.0(.039) 15.0(.591) 2.54x4=10.16(.40) E0.5(.02) 8.0(.315) 3.0(.118)MIN. 10.16(.40) 5B PIN.1 + BD-E32xRD 10.00(.394) 16.00(.630) 12.7(.500) 8.00(.315) 3.00(.118)MIN. 22.00(.866) 2.54(.100) E0.5(.020) ORIENTATION MARK 10B D1 D2 F G A B E D C 12 13 A 15 B 14 F D C 13 E 2 D1 16 G 10 A 4 D2 B 8 C 6 D 7 E F 11 9 G 5 PIN 1. + 5.80(.228) BD-A43xND D.2 D.1 A B C D E F G PIN 1. D 1 B A 7 C 4 6 E 3 F 8 G 9 DP 2 D1 10 5 D2 10B 10.16(.400) 16.00(.630) 12.70(.500) 6.90(.272) 3.00(.118)MIN. 5.90(.232) 20.20(.795) E0.50(.020) 2.54(.100) E1.3(.051) + DP BD-E40xRD 11 2 1 16 6 7 13 12 10 9 8 20.20(.795) 6.9(.272) 2.54X7=17.78 (.100X7=.700) D.2 D.1 A B C D E F G + PIN 1. 15 3 14 A B C D E F G A B C D E F 16.00(.630) D.1 D.2 G 3.0(.118) 0.5 A 12.7(.500) 4 5 10B E0.50(.020) 10.16(.400) E1.3(.051) BD-A40xND 5.90(.232) BD-A40xND-A E1.3(.051) 3.0(.118)MIN 16.00(.630) 7.0(.276) 13 15 1 3 2 A B D C E (.100X7=.700) 2.54X7=17.78 E0.50(.020) D.1 10.20(.402) 8B 20.10(.791) PIN 1. + 5.90(.232) E 16 14 10 8 12 6 B G F A C D 7 11 9 F G D.2 4,5 D E C F G B 12.7(.500) D.1 A D.2 7.50(.295) 1.0(.039) Yellow Stone corp. www.ystone.com.tw 886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice. |
同様の部品番号 - BD-A405ND-A |
|
同様の説明 - BD-A405ND-A |