データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF-24 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 IRF-24
部品情報  Inductors, Epoxy Conformal Coated, Axial Leaded
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF-24 データシート(HTML) 1 Page - Vishay Siliconix

  IRF-24_17 Datasheet HTML 1Page - Vishay Siliconix IRF-24_17 Datasheet HTML 2Page - Vishay Siliconix IRF-24_17 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IRF-24
www.vishay.com
Vishay Dale
Revision: 04-Mar-14
1
Document Number: 34056
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Inductors, Epoxy Conformal Coated, Axial Leaded
ELECTRICAL SPECIFICATIONS
Inductance Range: 0.1 μH to 1000 μH
Inductance Tolerance: ± 10 % from 0.1 μH to 1000 μH
standard, ± 5 % optional
Operating Temperature Range: - 20 °C to + 105 °C
Dielectric Strength: 250 VRMS
MECHANICAL SPECIFICATIONS
Terminal Strength: Pull = 5 pounds, twist = 360 °C x 3
Protection: Epoxy uniform roll coated
Leads: Tinned copper
ENVIRONMENTAL SPECIFICATIONS
Maximum Temperature Rise: + 20 °C
FEATURES
• High performance ferrite core is used in this
epoxy conformally coated choke which allows
for inductance values to 1000 μH
• Axial lead type, small lightweight design
• Special magnetic core structure contributes to
high Q and self-resonant frequencies
• Treated with epoxy resin coating for humidity resistance
to ensure long life
• Heat resistant adhesives
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
DIMENSIONS in inches [millimeters]
MODEL
A (MAX.)
B
C (MAX.)
D
IRF-24
0.276
[7.0]
2.480 ± 0.039
[63.0 ± 1.0]
0.118
[3.0]
0.020 ± 0.002
[0.50 ± 0.05]
A
BØ C
Ø D
1st
2nd 3rd
4th
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
IND.
(μH)
TOL.
(%)
Q
MIN.
TEST FREQUENCY
(MHz)
SRF MIN.
(MHz)
DCR MAX.
(
)
RATED DC CURRENT
(mA)
IRF-24
0.10
± 20
30
25.2
280
0.085
1400
IRF-24
0.12
± 20
30
25.2
280
0.085
1350
IRF-24
0.15
± 20
30
25.2
280
0.095
1270
IRF-24
0.18
± 20
30
25.2
280
0.12
1200
IRF-24
0.22
± 20
40
25.2
280
0.15
1150
IRF-24
0.27
± 20
40
25.2
260
0.15
1110
IRF-24
0.33
± 20
40
25.2
260
0.15
1110
IRF-24
0.39
± 20
40
25.2
220
0.17
1000
IRF-24
0.47
± 20
40
25.2
200
0.17
1000
IRF-24
0.56
± 20
40
25.2
180
0.17
950
IRF-24
0.68
± 20
40
25.2
160
0.18
900
IRF-24
0.82
± 20
40
25.2
140
0.18
900
IRF-24
1.0
± 5, ± 10
40
25.2
135
0.18
815
IRF-24
1.2
± 5, ± 10
40
7.96
135
0.18
740
IRF-24
1.5
± 5, ± 10
40
7.96
130
0.20
700
IRF-24
1.8
± 5, ± 10
40
7.96
125
0.23
655
IRF-24
2.2
± 5, ± 10
40
7.96
80
0.25
630
IRF-24
2.7
± 5, ± 10
40
7.96
80
0.28
595
IRF-24
3.3
± 5, ± 10
40
7.96
70
0.30
575
IRF-24
3.9
± 5, ± 10
40
7.96
65
0.32
555
IRF-24
4.7
± 5, ± 10
40
7.96
45
0.35
530
IRF-24
5.6
± 5, ± 10
40
7.96
40
0.40
500
IRF-24
6.8
± 5, ± 10
40
7.96
30
0.45
470
IRF-24
8.2
± 5, ± 10
40
7.96
28
0.56
425


同様の部品番号 - IRF-24_17

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
IRF-24 VISHAY-IRF-24_08 Datasheet
71Kb / 2P
   Inductors
Revision: 14-Jan-08
IRF-24 VISHAY-IRF-24_V01 Datasheet
54Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
01-Jan-2022
More results

同様の説明 - IRF-24_17

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
IRF-46 VISHAY-IRF-46_V01 Datasheet
53Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
01-Jan-2022
IRF-36 VISHAY-IRF-36_17 Datasheet
72Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
Revision: 25-May-16
IRF-36 VISHAY-IRF-36_V01 Datasheet
55Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
01-Jan-2022
IRF-24 VISHAY-IRF-24 Datasheet
128Kb / 1P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision 10-Feb-05
IRF-36 VISHAY-IRF-36 Datasheet
131Kb / 1P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision 10-Feb-05
IRF-46 VISHAY-IRF-46_17 Datasheet
69Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
Revision: 16-Mar-17
IRF-46 VISHAY-IRF-46 Datasheet
122Kb / 1P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision 10-Feb-05
IRF-46 VISHAY-IRF-46_06 Datasheet
70Kb / 2P
   Inductors Epoxy Conformal Coated, Axial Leaded
Revision: 10-Aug-06
IRF-24 VISHAY-IRF-24_V01 Datasheet
54Kb / 3P
   Inductors, Epoxy Conformal Coated, Axial Leaded
01-Jan-2022
logo
Abracon Corporation
AICC-04 ABRACON-AICC-04 Datasheet
191Kb / 3P
   THRU-HOLE AXIAL CONFORMAL/EPOXY COATED INDUCTORS
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com